Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFZ44Z Datasheet(PDF) 1 Page - International Rectifier

Part # IRFZ44Z
Description  Power MOSFET(Vdss=55V, Rds(on)=13.9mohm, Id=51A)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFZ44Z Datasheet(HTML) 1 Page - International Rectifier

  IRFZ44Z Datasheet HTML 1Page - International Rectifier IRFZ44Z Datasheet HTML 2Page - International Rectifier IRFZ44Z Datasheet HTML 3Page - International Rectifier IRFZ44Z Datasheet HTML 4Page - International Rectifier IRFZ44Z Datasheet HTML 5Page - International Rectifier IRFZ44Z Datasheet HTML 6Page - International Rectifier IRFZ44Z Datasheet HTML 7Page - International Rectifier IRFZ44Z Datasheet HTML 8Page - International Rectifier IRFZ44Z Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
10/8/03
www.irf.com
1
HEXFET® is a registered trademark of International Rectifier.
IRFZ44Z
IRFZ44ZS
IRFZ44ZL
HEXFET® Power MOSFET
S
D
G
VDSS = 55V
RDS(on) = 13.9mΩ
ID = 51A
Features
Advanced Process Technology
Ultra Low On-Resistance
Dynamic dv/dt Rating
175°C Operating Temperature
Fast Switching
Repetitive Avalanche Allowed up to Tjmax
AUTOMOTIVE MOSFET
PD - 94797
Description
Specifically designed for Automotive applica-
tions, this HEXFET® Power MOSFET utilizes the
latestprocessingtechniquestoachieveextremely
low on-resistance per silicon area. Additional
features of this design are a 175°C junction
operating temperature, fast switching speed and
improved repetitive avalanche rating . These
features combine to make this design an ex-
tremely efficient and reliable device for use in
Automotive applications and a wide variety of
other applications.
D2Pak
IRFZ44ZS
TO-220AB
IRFZ44Z
TO-262
IRFZ44ZL
Absolute Maximum Ratings
Parameter
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Silicon Limited)
A
ID @ TC = 100°C Continuous Drain Current, VGS @ 10V (See Fig. 9)
IDM
Pulsed Drain Current
c
PD @TC = 25°C
Maximum Power Dissipation
W
Linear Derating Factor
W/°C
VGS
Gate-to-Source Voltage
V
EAS
Single Pulse Avalanche Energy (Thermally Limited)
d
mJ
EAS (tested)
Single Pulse Avalanche Energy Tested Value
i
IAR
Avalanche Current
c
A
EAR
Repetitive Avalanche Energy
h
mJ
TJ
Operating Junction and
°C
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
Mounting torque, 6-32 or M3 screw
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
1.87
°C/W
RθCS
Case-to-Sink, Flat, Greased Surface
0.50
–––
RθJA
Junction-to-Ambient
–––
62
RθJA
Junction-to-Ambient (PCB Mount, steady state)
j
–––
40
Max.
51
36
200
10 lbf•in (1.1N•m)
80
0.53
± 20
86
105
See Fig.12a,12b,15,16
300 (1.6mm from case )
-55 to + 175


Similar Part No. - IRFZ44Z

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRFZ44Z ISC-IRFZ44Z Datasheet
338Kb / 2P
N-Channel MOSFET Transistor
logo
International Rectifier
IRFZ44ZLPBF IRF-IRFZ44ZLPBF Datasheet
291Kb / 13P
HEXFET짰 Power MOSFET ( VDSS = 55V , RDS(on) = 13.9m廓 , ID = 51A )
IRFZ44ZPBF IRF-IRFZ44ZPBF Datasheet
291Kb / 13P
HEXFET짰 Power MOSFET ( VDSS = 55V , RDS(on) = 13.9m廓 , ID = 51A )
IRFZ44ZPBF IRF-IRFZ44ZPBF Datasheet
387Kb / 12P
ADVANCED PROCESS TECHNOLOGY
IRFZ44ZPBF IRF-IRFZ44ZPBF_15 Datasheet
387Kb / 12P
ADVANCED PROCESS TECHNOLOGY
More results

Similar Description - IRFZ44Z

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205 IRF-IRF3205 Datasheet
92Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRF3205S IRF-IRF3205S Datasheet
160Kb / 10P
Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRF9Z34N IRF-IRF9Z34N Datasheet
108Kb / 8P
Power MOSFET(Vdss=-55V, Rds(on)=0.10ohm, Id=-19A)
IRF9Z34NS IRF-IRF9Z34NS Datasheet
162Kb / 10P
Power MOSFET(Vdss=-55V, Rds(on)=0.10ohm, Id=-19A)
IRFBA1405P IRF-IRFBA1405P Datasheet
238Kb / 9P
Power MOSFET(Vdss=55V, Rds(on)=5.0mohm, Id=174A??
IRFI1010N IRF-IRFI1010N Datasheet
109Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.012ohm, Id=49A)
IRFR2605 IRF-IRFR2605 Datasheet
345Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=19A)
IRFZ24N IRF-IRFZ24N Datasheet
123Kb / 8P
Power MOSFET (Vdss=55V, Rds(on)=0.07ohm, Id=17A)
IRLZ44ZPBF IRF-IRLZ44ZPBF Datasheet
362Kb / 13P
AUTOMOTIVE MOSFET (VDSS = 55V , RDS(on) =13.5m廓 , ID = 51A)
IRFZ44ZPBF IRF-IRFZ44ZPBF Datasheet
291Kb / 13P
HEXFET짰 Power MOSFET ( VDSS = 55V , RDS(on) = 13.9m廓 , ID = 51A )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com