Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1282 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN1282
Description  PREAMPLIFIER AND SPEAKER DRIVER USING TS925
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1282 Datasheet(HTML) 1 Page - STMicroelectronics

  AN1282 Datasheet HTML 1Page - STMicroelectronics AN1282 Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/2
The TS925 is an input/output rail to rail quad BiC-
MOS operational amplifier. It is able to operate
with low supply voltages (2.7V) and to drive low
output loads such as 32
Ω.
As an illustration of these features, the following
technical note highlights many of the advantages
of the device in a global audio application.
APPLICATION CIRCUIT
Figure 1 shows two operators (A1, A4) used in a
preamplifier configuration, and the two others in a
push-pull configuration driving a headset.
The phantom ground is used as a common refer-
ence level (VCC/2).
The power supply is delivered from two LR6 bat-
ter-ies (2x1.5V nominal).
Preamplifier : the operators A1 and A4 are wired
with a non inverting gain of respectively :
u A1# (R4/(R3+R17))
u A4# R6/R5
With the following values chosen :
u R4=22k
Ω - R3=50Ω - R17=1.2kΩ
u R6=47k
Ω - R5=1.2kΩ,
the gain of the preamplifier chain is thus 58dB.
Alternatively, the gain of A1 can be adjusted by
choosing a JFET transistor Q1 instead of R17.
This JFET voltage controlled resistor arrangement
forms an automatic level control (ALC) circuit,
use-ful in many MIC preamplifier applications.
The mean rectified peak level of the output signal
envelope is used to control the preamplifier gain.
Figure 1 : Electrical Schematic
AN1282
APPLICATION NOTE
PREAMPLIFIER AND SPEAKER DRIVER USING TS925
June 2000
by F. MARICOURT


Similar Part No. - AN1282

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1280 STMICROELECTRONICS-AN1280 Datasheet
86Kb / 8P
ELECTRONIC CIRCUIT BREAKER
May-2000
AN1281 STMICROELECTRONICS-AN1281 Datasheet
47Kb / 3P
TS613 AS DRIVER FOR ADSL LINE INTERFACES
Jun-2000
logo
Panasonic Semiconductor
AN1281SSM PANASONIC-AN1281SSM Datasheet
55Kb / 2P
Ripple Filter IC
logo
STMicroelectronics
AN1283 STMICROELECTRONICS-AN1283 Datasheet
324Kb / 7P
A BATTERY CHARGER USING TSM101
May-2001
AN1284 STMICROELECTRONICS-AN1284 Datasheet
79Kb / 3P
A Li-Ion BATTERY CHARGER USING TSM102A
Jul-2000
More results

Similar Description - AN1282

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA2225 SAMSUNG-KA2225 Datasheet
125Kb / 3P
DUAL PREAMPLIFIER FOR 3V USING
logo
National Semiconductor ...
LM4960 NSC-LM4960 Datasheet
348Kb / 12P
Piezoelectric Speaker Driver
LM4961 NSC-LM4961 Datasheet
509Kb / 16P
Ceramic Speaker Driver
logo
Wolfson Microelectronic...
WM8980 WOLFSON-WM8980 Datasheet
963Kb / 81P
STEREO CODEC WITH SPEAKER DRIVER AND BUFFER
logo
National Semiconductor ...
LM4962 NSC-LM4962 Datasheet
1Mb / 22P
Ceramic Speaker Driver
LH2440 NSC-LH2440 Datasheet
367Kb / 5P
CRT PREAMPLIFIER AND DRIVER
logo
Texas Instruments
LM4961 TI1-LM4961_14 Datasheet
1Mb / 23P
Ceramic Speaker Driver
LM4962 TI1-LM4962_14 Datasheet
926Kb / 23P
Ceramic Speaker Driver
LM4960 TI1-LM4960 Datasheet
783Kb / 20P
Piezoelectric Speaker Driver
logo
Analog Devices
AD8260 AD-AD8260_16 Datasheet
1Mb / 32P
High Current Driver Amplifier and Digital VGA/Preamplifier
5/16-Rev. A to Rev. B
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com