Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B156002 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # B156002
Description  2-Port DisplayPort 1.2 Multi-Stream Transport (MST) Hub, 3840 x 2160 4Kx2K UHD
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B156002 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  B156002 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B156002 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved B156002 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
(UHD), 3840x2160 (60Hz)
Complies with HDCP, EDID and DDC
Compatible with DisplayPort 1.2
Compatible with Apple® Thunderbolt connectors
Installation
Plug-and-play; no software or drivers required
Easy to install; connect the DisplayPort video source to the hub’s input port, connect the external power
supply, and finally connect the two monitors to the output ports
Mounting Options
Wall-, rack- or pole-mounting; all mounting hardware is included
TAA-Compliant for GSA Schedule Purchases
Compliant with the Federal Trade Agreements Act (TAA) for GSA Schedule purchases
Specifications
General Info
RoHS
Y
OVERVIEW
Chromebook Compatible
No
Display Style
Splitter
Model Type
DisplayPort
Cable Types
CAT6
PHYSICAL
Unit Dimensions (hwd / in.)
1.00 x 3.60 x 2.52
Unit Weight (lbs.)
1
Color
Black
CONNECTIONS
Connector A
DISPLAYPORT (FEMALE)
Connector B
DISPLAYPORT (FEMALE) (X2)
Ports
3
WARRANTY
B156-002 Multi-Display
Splitter/Expander
Mounting hardware
Bracket (for wall-, rack- or
pole-mounting)
External power supply (Input:
100-240V, 50/60Hz, 0.5A;
Output: 5V, 2A)
2 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com