Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EZBHDMIM2 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # EZBHDMIM2
Description  Easy Pull Type-B Connectors - (M/M set of HDMI)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

EZBHDMIM2 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  EZBHDMIM2 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved EZBHDMIM2 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Easy Pull Type-B Connectors - (M/M set of HDMI)
MODEL NUMBER: EZB-HDMIM-2
Description
Easy Pull Connector Kit includes: 2 x HDMI Male Cables - 1 ft. pigtails. Completes your Easy Pull trunk run with
a finished appearance. Digital video support up to 1080p. Use with either PVC or Plenum digital trunk cables. Requires Tripp Lite B122-000 signal booster,
P166-001-A Active Wall plate Signal Booster or B123-001 HDMI Signal Booster.
Features
Eliminates the need to field terminate HDMI connectors
Allows cable to be run according to code - inside conduit, drop ceilings, etc.
Makes pulling long cables fast and easy
Digital trunk cables available in 50 and 100 ft. lengths
Use with Tripp Lite P166-001-A Active Wallplate Signal Booster, or B123-001 HDMI Signal Booster
High quality digital cable supports resolutions up to 1080p
Specifications
General Info
RoHS
Y
OVERVIEW
Chromebook Compatible
Yes
Display Style
Easy Pull
Model Type
HDMI
Cable Types
CAT6
INPUT
Highlights
HDMI Connector Kit includes: 2 x
HDMI Male 1 ft. Cables
Versatile trunk cable allows for a
variety of connection options
High quality digital cable supports
resolutions up to 1080p
Requires Tripp Lite B122-000
signal booster, P166-001-A
Active Wall plate Signal Booster
or B123-001 HDMI Signal Booster
Applications
Use where standard HDMI cables
won't fit, such as conduit or
confined wall or ceiling spaces
Package Includes
2 x HDMI Male 1 ft. Pigtail Cable
1 / 2


Similar Part No. - EZBHDMIM2

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
EZB-025 TRIPPLITE-EZB-025 Datasheet
159Kb / 2P
Easy Pull Long-Run Display Cable - Type-B Digital PVC Trunk Cable, 25-ft.
EZB-050 TRIPPLITE-EZB-050 Datasheet
158Kb / 2P
Easy Pull Long-Run Display Cable - Type-B Digital PVC Trunk Cable, 50-ft.
EZB-100 TRIPPLITE-EZB-100 Datasheet
158Kb / 2P
Easy Pull Long-Run Display Cable - Type-B Digital PVC Trunk Cable, 100-ft.
EZB-DVIF-2 TRIPPLITE-EZB-DVIF-2 Datasheet
152Kb / 2P
Easy Pull Type-B Connectors - (F/F set of DVISingle-Link with Faceplates)
EZB-DVIM-2 TRIPPLITE-EZB-DVIM-2 Datasheet
153Kb / 2P
Easy Pull Type-B Connectors - (M/M set of DVI-Single-Link)
More results

Similar Description - EZBHDMIM2

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
EZAVGAAM2 TRIPPLITE-EZAVGAAM2 Datasheet
479Kb / 2P
Easy Pull Type-A Connectors - (M-M set of VGA with Audio)
EZAVGACSAM2 TRIPPLITE-EZAVGACSAM2 Datasheet
485Kb / 2P
Easy Pull Type-A Connectors - M-M set of VGA, 3.5mm, RCA Audio, Composite Video
EZAVGAM2 TRIPPLITE-EZAVGAM2 Datasheet
471Kb / 2P
Easy Pull Type-A Connectors - M/M set of VGA
EZAVGAX2 TRIPPLITE-EZAVGAX2 Datasheet
466Kb / 2P
Easy Pull Type-A Connectors - (M/F set of VGA with Faceplate)
EZA-VGAAM-2 TRIPPLITE-EZA-VGAAM-2 Datasheet
154Kb / 2P
Easy Pull Type-A Connectors - (M/M set of VGA with Audio)
EZA-VGAAX-2 TRIPPLITE-EZA-VGAAX-2 Datasheet
153Kb / 2P
Easy Pull Type-A Connectors - (M/F set of VGA with Audio and Faceplate)
EZA-VGAM-2 TRIPPLITE-EZA-VGAM-2 Datasheet
153Kb / 2P
Easy Pull Type-A Connectors - M/M set of VGA
EZA-VGAX-2 TRIPPLITE-EZA-VGAX-2 Datasheet
152Kb / 2P
Easy Pull Type-A Connectors - (M/F set of VGA with Faceplate)
EZB-DVIM-2 TRIPPLITE-EZB-DVIM-2 Datasheet
153Kb / 2P
Easy Pull Type-B Connectors - (M/M set of DVI-Single-Link)
EZB-DVIX-2 TRIPPLITE-EZB-DVIX-2 Datasheet
154Kb / 2P
Easy Pull Type-B Connectors - (M/F set of DVISingle-Link with Faceplate)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com