Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4124 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4124
Description  Using SPC56EL60x fault collection and control unit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4124 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4124 Datasheet HTML 9Page - STMicroelectronics AN4124 Datasheet HTML 10Page - STMicroelectronics AN4124 Datasheet HTML 11Page - STMicroelectronics AN4124 Datasheet HTML 12Page - STMicroelectronics AN4124 Datasheet HTML 13Page - STMicroelectronics AN4124 Datasheet HTML 14Page - STMicroelectronics AN4124 Datasheet HTML 15Page - STMicroelectronics AN4124 Datasheet HTML 16Page - STMicroelectronics AN4124 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
AN4124
FCCU settings
Doc ID 023294 Rev 2
13/32
5
FCCU settings
Normally the FCCU is configured at start up. In any case, it is possible to manage some
registers only in CONFIG state (according to IP Specification Block guide).
5.1
Example 1: FCCU critical fault injection (no NMI assertion)
We show the FCCU functionality by means of an example which uses fault injection (with
fake funtionality), in order to show the FCCU reaction. The example is without NMI
assertion. The fault is checked and cleared by looking in the CFSx registers.
Example description
●
Put FCCU in CONFIG state: set registers
●
Return to NORMAL state by means of a procedure or by allowing timer out to elapse
●
Inject (fake) faults
●
After RESET (by RGM), verify, in SAFE state (without NMI), which fault was detected
(FCCU_CFS0 register)
●
Clear the FCCU_CFS0 register (by suitable procedure)
Example procedure
●
After reset the FCCU automatically enters NORMAL state.
●
Configure FCCU in CONFIG with Dual-rail Encoding Protocol.
–
Write the key to the FCCU_CTRLK register [OP1].
–
Write the FCCU_CTRL register (operation OP1).
●
Emulate all (fake) SW/HW faults.
–
FCCU_CFG: (Configuration Register)
–
SM = 1 (EOUT protocol (dual-rail, time-switching) fast switching mode)
–
PS = 1 (fcc_eout[1] active low, fcc_eout[0] active low)
–
FOM = 000 (Fault Output Mode selection = Dual-Rail (default state)
[fccu_eout[1:0] = outputs])
–
FOP=0 (Fault Output Prescaler = Input clock frequency (ipg_clk_safe clock) is
divided by 2048)
●
Enter NORMAL state.
–
Write the key into the FCCU_CTRLK register [OP2].
–
Write the FCCU_CTRL register (operation OP2).
●
Set fault by FCCU_CFF registers (RESET assertion by RGM).
●
Read and verify FCCU_CFS0..3 by means of procedure (NMI was masked).
●
Clear HW/SW faults from FCCU_CFS0..3 by means of procedure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com