Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4366 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4366
Description  Compensate the input offset of a high-side current sensing
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4366 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4366 Datasheet HTML 3Page - STMicroelectronics AN4366 Datasheet HTML 4Page - STMicroelectronics AN4366 Datasheet HTML 5Page - STMicroelectronics AN4366 Datasheet HTML 6Page - STMicroelectronics AN4366 Datasheet HTML 7Page - STMicroelectronics AN4366 Datasheet HTML 8Page - STMicroelectronics AN4366 Datasheet HTML 9Page - STMicroelectronics AN4366 Datasheet HTML 10Page - STMicroelectronics AN4366 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
AN4366
How to compensate the input offset voltage
DocID025330 Rev 1
7/14
3
How to compensate the input offset voltage
The input offset can be compensated and output saturation can be avoided thanks to:
an external current source
added resistances
To realize this compensation, it is recommended to use the TSC1031 rather than the
TSC103. Both devices are very similar in terms of their electrical characteristic, but the
TSC1031 is a more flexible current sensing solution as it allows the Rg internal resistors
values to be externally changed.
The main objective is to compensate the input offset by creating an opposite voltage,
VosC, thanks to an Rs2 resistance and a current source. In order to compensate the native
Vos, it is important that: (-Vos + Vosc + Vshunt) * Gain > Vol.
Figure 4 shows the architecture where the current sensing device always has a negative
input offset. The current source is made of few components: a voltage reference (TL431),
an op-amp (LMV821) which is used as a buffer, a NPN transistor, and one resistor (Rc4).
Figure 4: Schematic to compensate Vos
Current source
5V
5V
Vref
TL431
Rc4
Vshunt
Rs1
Rs2
Vosc
Vos
Rin1
Rin2
5k
Ω
5k
Ω
5V
Vout
Rg
125k
Ω
Rs3
Rshunt
Rin1
Rin2
5k
Ω
5k
Ω
Rg
125k
Ω
+
-
+
-
TSC1031
+
-
LMV821
K1
K2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com