Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4369 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4369
Description  Adjustable gain with a current sensing
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4369 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4369 Datasheet HTML 6Page - STMicroelectronics AN4369 Datasheet HTML 7Page - STMicroelectronics AN4369 Datasheet HTML 8Page - STMicroelectronics AN4369 Datasheet HTML 9Page - STMicroelectronics AN4369 Datasheet HTML 10Page - STMicroelectronics AN4369 Datasheet HTML 11Page - STMicroelectronics AN4369 Datasheet HTML 12Page - STMicroelectronics AN4369 Datasheet HTML 13Page - STMicroelectronics AN4369 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
AN4369
Overal error
DocID025335 Rev 1
11/14
The error on Vout due to gain error (i.e. the error on the output) is:
So, εVog = 18.18 V/V * 8.14 % * 50e-3 V = 74 mV
The error due to the mismatch of the external resistances Rsi is:
So, εVio = 0.15 mV
The error on the output voltage is:
So,
εTot = 77 mV
This result shows that, at 125 °C, an added resistance of 500 Ω (representing temperature
coefficient, process variation, and mismatch) can add an error up to 77 mv on the output
voltage compared to the theoretical Vout. The inherent error of the TSC103, which has a
gain accuracy of 4 %, must also be taken into account when calculating the total error on
the output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com