Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4586 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4586
Description  Signal conditioning, differential to single-ended amplification
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4586 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4586 Datasheet HTML 1Page - STMicroelectronics AN4586 Datasheet HTML 2Page - STMicroelectronics AN4586 Datasheet HTML 3Page - STMicroelectronics AN4586 Datasheet HTML 4Page - STMicroelectronics AN4586 Datasheet HTML 5Page - STMicroelectronics AN4586 Datasheet HTML 6Page - STMicroelectronics AN4586 Datasheet HTML 7Page - STMicroelectronics AN4586 Datasheet HTML 8Page - STMicroelectronics AN4586 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
DocID026915 Rev 1
5/19
AN4586
Differential configuration
19
Considering all the resistors have the same tolerance, ε:
•
The worst case for the offset on the output voltage is:
•
The worst case for the differential gain is:
•
The worst case for the common mode gain is:
When we talk about differential configuration, it is important to note that a mismatching
between resistors impacts the output voltage. This impact is measured by the CMRR. Vicm
can only be partially rejected if the resistors are not perfectly marched. The following CMRR
calculations highlight the impact of the resistor inaccuracies. Note that for the CMRR
calculation, we do not take into account the Vio variation (caused by the CMRR of the op
amp).
Equation 4
Equation 5
Therefore, the CMRR can be calculated for different gain and resistor inaccuracies (see
Table 1).
Thus, for accurate measurements it is recommended to use high accuracy resistors. It helps
to reject Vicm.
Regarding Vicm, there is a last criterion that has to be considered for the differential
configuration. It is the Vicm range of the op amp. In order to make the application work, the
Vicm should not exceed the capabilities of the op amp (see example in Figure 3).
Table 1. CMRR for differential configuration
Resistor inaccuracy (%)
CMRR (dB)
Gain = 1
Gain = 10
Gain = 100
10
14
29
48
134
49
68
0.1
54
69
88
±Vio 1
Rf
Rg
--------
12
ε
+
()
+
⎝⎠
⎛⎞
Rf
Rg
--------
1±2
ε
()
Rf
Rf Rg
+
--------------------
4
ε
Vout
Gdiff V2 V1
–
() Gcm
V1 V2
+
2
---------------------
+
=
CMRR
20
Gdiff
Gmc
--------------
⎝⎠
⎛⎞
log
20
1
Rf
Rg
--------
+
4
ε
------------------
⎝⎠
⎜⎟
⎜⎟
⎛⎞
log
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com