Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4598 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4598
Description  Pre-amplifying the analog output of a MEMS microphone
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4598 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4598 Datasheet HTML 1Page - STMicroelectronics AN4598 Datasheet HTML 2Page - STMicroelectronics AN4598 Datasheet HTML 3Page - STMicroelectronics AN4598 Datasheet HTML 4Page - STMicroelectronics AN4598 Datasheet HTML 5Page - STMicroelectronics AN4598 Datasheet HTML 6Page - STMicroelectronics AN4598 Datasheet HTML 7Page - STMicroelectronics AN4598 Datasheet HTML 8Page - STMicroelectronics AN4598 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
DocID026988 Rev 1
5/12
AN4598
Distortion
12
Independent noise sources (measured in Vrms) can be combined together by taking the
square root of the sum of their squares.
If we consider a positive gain amplification of the output of the microphone (as shown in
Figure 2) and if the noise level generated by the op amp is only half the noise level
generated by the microphone (erms), the resulting overall noise is only 1.12 * erms.
Then, considering the same 20 kHz bandwidth, using an op amp whose equivalent white
noise density is only 28 nV/VHz only increases the noise level by 12 % for the MP23AB02B.
To avoid decreasing significantly the noise level and therefore the signal-over-noise ratio, an
op amp with a white noise of less than 20 nV/√Hz is recommended and less than 10 nV/√Hz
is perfect.
Note that the overall noise level at the amplification output depends greatly on the shape of
the gain stage (cutoff frequencies and filter orders).
Also, it is important when designing a circuit to bear in mind that resistors are a source of
noise and that a resistor, R kΩ, generates a white noise source of 4√(R) nV/√Hz.
So, it is important to keep impedances relatively low.
3
Distortion
The signal distortion on the output of the microphone depends on the acoustic pressure as
specified in the datasheet.
For the MP23AB02B, the signal distortion is less than 0.5 % at 94 dBSPL (which is
equivalent to 1 Pa).
For high acoustic pressure, the distortion level increases. A 10 % distortion level is shown in
Figure 1. The microphone can be used from the noise floor up to the distortion level. This is
its dynamic range.
The signal distortion should be compared with the total harmonic distortion (THD) which is
introduced by the op am. Generally op amps are not limiting for this parameter.
But we should bear in mind that the THD increases when frequency increases, for large
output signals and low load values.
A pure sine waveform on the output of the op amp can calculated using Equation 5.
Equation 5
The maximum slope of such a waveform is 2πfVp.
Therefore, the op amp needs to have a slew rate greater than 2πfVp.
If we consider a 20 kHz waveform with a 3 Vpp amplitude, the op amp minimum slew rate
must be 0.19 V/us. A margin (of at least a factor of two) should be considered on this value
to ensure the smallest distortion of the signal.
VP
2
πf
()
sin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com