Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD16856GS Datasheet(PDF) 14 Page - NEC

Part # UPD16856GS
Description  MONOLITHIC CD-ROM 3-PHASE SPINDLE MOTOR DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16856GS Datasheet(HTML) 14 Page - NEC

Back Button UPD16856GS Datasheet HTML 8Page - NEC UPD16856GS Datasheet HTML 9Page - NEC UPD16856GS Datasheet HTML 10Page - NEC UPD16856GS Datasheet HTML 11Page - NEC UPD16856GS Datasheet HTML 12Page - NEC UPD16856GS Datasheet HTML 13Page - NEC UPD16856GS Datasheet HTML 14Page - NEC UPD16856GS Datasheet HTML 15Page - NEC UPD16856GS Datasheet HTML 16Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
µµµµPD16856
Data Sheet S13447EJ1V0DS00
RECOMMENDED SOLDERING CONDITIONS
µPD16856 should be soldered and mounted under the following recommended conditions. For soldering methods
and conditions other than those recommended below, contact your NEC sales representative.
• For the details of the recommended soldering conditions, refer to the document Semiconductor Device Mounting
Technology Manual (C10535E).
Soldering Method
Soldering Conditions
Recommended
Condition Symbol
Infrared reflow
Package peak temperature: 235
°C, Time: 30 sec. Max. (at 210°C or higher),
Count: three times or less, Exposure limit: none
Note, Flux: Rosin-based flux
with little chlorine content (chlorine: 0.2 Wt
% Max.) is recommended
IR35-00-3
VPS
Package peak temperature: 215
°C, Time: 40 sec. Max. (at 200°C or higher),
Count: three times or less, Exposure limit: none
Note, Flux: Rosin-based flux
with little chlorine content (chlorine: 0.2 Wt
% Max.) is recommended
VP15-00-3
Wave soldering
Package peak temperature: 260
°C, Time: 10 sec. Max., Proheating
temperature: 120
°C Max., Count: once, Flux: Rosin-based flux with little
chlorine content (chlorine: 0.2 Wt
% Max.) is recommended
WS60-00-1
Note After opening the dry pack, store it at 25
°C or less and 65% RH or less for the allowable storage period.
Caution
Do not use different soldering methods together.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com