Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HC240P Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HD74HC240P
Description  Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC240P Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HD74HC240P Datasheet HTML 2Page - Renesas Technology Corp HD74HC240P Datasheet HTML 3Page - Renesas Technology Corp HD74HC240P Datasheet HTML 4Page - Renesas Technology Corp HD74HC240P Datasheet HTML 5Page - Renesas Technology Corp HD74HC240P Datasheet HTML 6Page - Renesas Technology Corp HD74HC240P Datasheet HTML 7Page - Renesas Technology Corp HD74HC240P Datasheet HTML 8Page - Renesas Technology Corp HD74HC240P Datasheet HTML 9Page - Renesas Technology Corp HD74HC240P Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
HD74HC240
Rev.2.00 Jan 31, 2006 page 7 of 7
0.935
0.15
1.27
10.00
10.65
0.40
0.34
p
A 1
13.2
FP-20DBV
RENESAS Code
JEITA Package Code
Previous Code
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
2.65
1.27
0.70
0.40
7.50
0.30
0.20
0.10
0.46
0.30
0.25
0.20
10.40
8
°
0
°
0.12
1.45
12.80
0.52g
MASS[Typ.]
1
E
1
1
2
L
Z
H
y
x
θ
c
b
A
E
D
b
c
e
e
L
A
P-SOP20-7.5x12.8-1.27
PRSP0020DC-A
11
20
10
F
*1
*3
p
M
x
y
1
Index mark
D
Z
b
Terminal cross section
( Ni/Pd/Au plating )
p
b
1
Detail F
L
L
θ
NOTE)
1. DIMENSIONS"*1 (Nom)"AND"*2"
@ DO NOT INCLUDE MOLD FLASH.
2. DIMENSION"*3"DOES NOT
@ INCLUDE TRIM OFFSET.
NOTE)
1. DIMENSIONS"
*1 (Nom)"AND"*2"
DO NOT INCLUDE MOLD FLASH.
2. DIMENSION"
*3"DOES NOT
INCLUDE TRIM OFFSET.
Index mark
1
y
xM
p
*3
*1
F
10
20
11
D
Z
b
Terminal cross section
( Ni/Pd/Au plating )
p
b
1
Detail F
L
L
θ
0.65
0.10
0.65
6.20
6.60
0.20
0.15
p
A 1
6.80
TTP-20DAV
RENESAS Code
JEITA Package Code
Previous Code
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
1.10
0.6
0.5
0.4
4.40
0.10
0.07
0.03
0.25
0.20
0.15
0.10
6.40
8
°
0
°
0.13
1.0
6.50
0.07g
MASS[Typ.]
1
E
1
1
2
L
Z
H
y
x
θ
c
b
A
E
D
b
c
e
e
L
A
P-TSSOP20-4.4x6.5-0.65
PTSP0020JB-A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com