Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HC374P Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HD74HC374P
Description  Octal D-type Flip-Flops (with 3-state outputs)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC374P Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HD74HC374P Datasheet HTML 3Page - Renesas Technology Corp HD74HC374P Datasheet HTML 4Page - Renesas Technology Corp HD74HC374P Datasheet HTML 5Page - Renesas Technology Corp HD74HC374P Datasheet HTML 6Page - Renesas Technology Corp HD74HC374P Datasheet HTML 7Page - Renesas Technology Corp HD74HC374P Datasheet HTML 8Page - Renesas Technology Corp HD74HC374P Datasheet HTML 9Page - Renesas Technology Corp HD74HC374P Datasheet HTML 10Page - Renesas Technology Corp HD74HC374P Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
HD74HC374, HD74HC534
Rev.2.00 Mar 30, 2006 page 5 of 8
Switching Characteristics (CL = 50 pF, Input tr = tf = 6 ns)
Ta = 25
°C
Ta = –40 to +85
°C
Item
Symbol VCC (V)
Min
Typ
Max
Min
Max
Unit
Test Conditions
2.0
—
—
6
—
5
4.5
—
—
30
—
24
Maximum clock
frequency
fmax
6.0
—
—
35
—
28
MHz
2.0
—
—
140
—
175
4.5
—
18
28
—
35
Propagation delay
time
tPHL
tPLH
6.0
—
—
24
—
30
ns
2.0
—
—
150
—
190
4.5
—
11
30
—
38
tZL
6.0
—
—
26
—
33
ns
2.0
—
—
150
—
190
4.5
—
14
30
—
38
Output enable
time
tZH
6.0
—
—
26
—
33
ns
2.0
—
—
150
—
190
4.5
—
13
30
—
38
tLZ
6.0
—
—
26
—
33
ns
2.0
—
—
150
—
190
4.5
—
16
30
—
38
Output disable
time
tHZ
6.0
—
—
26
—
33
ns
2.0
100
—
—
125
—
4.5
20
1
—
25
—
Setup time
tsu
6.0
17
—
—
21
—
ns
Data to Clock
2.0
25
—
—
31
—
4.5
5
1
—
6
—
Hold time
th
6.0
5
—
—
6
—
ns
Clock to Data
2.0
80
—
—
100
—
4.5
16
6
—
20
—
Pulse width
tw
6.0
14
—
—
17
—
ns
Clock or Output control
2.0
—
—
60
—
75
4.5
—
4
12
—
15
Output rise/fall
time
tTLH
tTHL
6.0
—
—
10
—
13
ns
Input capacitance
Cin
—
—
5
10
—
10
pF
Test Circuit
VCC
OPEN
GND
C =
50 pF
OC
Zout = 50
Ω
1 k
Ω
VCC
VCC
VCC
S1
L
Pulse Generator
TEST
S1
t
/ t
PLH
PHL
OPEN
GND
t
/ t
ZH
HZ
t
/ t
ZL
LZ
1D to 8D
1Q to 8Q
or
1
Q to 8Q
Clock
Zout = 50
Ω
Pulse Generator
Note : 1. CL includes probe and jig capacitance.
Input
Output
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com