Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3041 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 3041
Description  70 MHz Bandpass Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3041 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  3041 Datasheet HTML 1Page - KR Electronics, Inc. 3041 Datasheet HTML 2Page - KR Electronics, Inc. 3041 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2011, KR Electronics, Inc.
3041, Rev 0, August 18, 2011
KR Electronics, Inc.
KR Electronics part number 3041 is a 70 MHz bandpass filter.
The filter has a minimum 1 dB bandwidth of 40 MHz. Other
bandwidths and center frequencies are available. Please consult
the factory.
General Description
KR Electronics, Inc.
Features
 70 MHz Bandpass Filter
 40 MHz min 1 dB Bandwidth
 Sharp Elliptic Type Design
 75  Source and Load
 BNC Connectors
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(6 dB/div)


Similar Part No. - 3041

ManufacturerPart #DatasheetDescription
logo
LEMO Connectors
3041 LEMO-3041 Datasheet
112Kb / 4P
B - Indoor keyed
3041 LEMO-3041 Datasheet
112Kb / 4P
B - Indoor keyed
3041 LEMO-3041 Datasheet
112Kb / 4P
B - Indoor keyed
3041 LEMO-3041 Datasheet
129Kb / 5P
B - Indoor keyed
3041 LEMO-3041 Datasheet
121Kb / 4P
B - Indoor keyed
More results

Similar Description - 3041

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
854656 TRIQUINT-854656 Datasheet
41Kb / 1P
70 MHz Bandpass Filter
854747-1 TRIQUINT-854747-1 Datasheet
34Kb / 1P
70 MHz Bandpass Filter
logo
KR Electronics, Inc.
2810 KR-2810 Datasheet
49Kb / 2P
70 MHz bandpass filter
2818 KR-2818 Datasheet
50Kb / 2P
70 MHz bandpass filter
2818-1 KR-2818-1 Datasheet
371Kb / 2P
70 MHz bandpass filter
3135-70-20 KR-3135-70-20 Datasheet
69Kb / 3P
70 MHz Bandpass Filter
3135-70-30 KR-3135-70-30 Datasheet
103Kb / 3P
70 MHz Bandpass Filter
3157-1 KR-3157-1 Datasheet
74Kb / 3P
70 MHz Bandpass Filter
3169 KR-3169 Datasheet
70Kb / 3P
70 MHz Bandpass Filter
3157-SMD KR-3157-SMD Datasheet
69Kb / 3P
70 MHz Bandpass Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com