Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD16877 Datasheet(PDF) 1 Page - NEC

Part # UPD16877
Description  MONOLITHIC QUAD H-BRIDGE DRIVER CIRCUIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16877 Datasheet(HTML) 1 Page - NEC

  UPD16877 Datasheet HTML 1Page - NEC UPD16877 Datasheet HTML 2Page - NEC UPD16877 Datasheet HTML 3Page - NEC UPD16877 Datasheet HTML 4Page - NEC UPD16877 Datasheet HTML 5Page - NEC UPD16877 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
MOS INTEGRATED CIRCUIT
µµµµPD16877
MONOLITHIC QUAD H-BRIDGE DRIVER CIRCUIT
Document No. S13964EJ1V0DS00 (1st edition)
Date Published March 2000 N CP(K)
Printed in Japan
DATA SHEET
©
2000
DESCRIPTION
The
µPD16877 is monolithic quad H-bridge driver LSI which uses power MOSFETs in the output stages. By using
the MOS process, this driver IC has substantially improved saturation voltage and power consumption as compared
with conventional driver circuits using bipolar transistors.
By eliminating the charge pump circuit, the current during power-OFF is drastically decreased.
In addition, a low-voltage malfunction prevention circuit is also provided that prevents the IC from malfunctioning
when the supply voltage drops.
As the package, a 24-pin plastic TSSOP is adopted to enable the creation of compact, slim application sets.
This driver IC can drive two stepping motor at the same time, and is ideal for driving stepping motors in the lens of
a camcorder.
FEATURES
Four H bridge circuits employing power MOSFETs
Low current consumption by eliminating charge pump
VM pin current when power-OFF: 10
µA MAX. VDD pin current: 10 µA MAX.
Input logic frequency: 100 kHz
3-V power supply
Minimum operating supply voltage: 2.5 V
Low voltage malfunction prevention circuit
24-pin plastic TSSOP (5.72 mm (225))
ORDERING INFORMATION
Part Number
Package
µPD16877MA-6A5
24-pin plastic TSSOP (5.72 mm (225))


Similar Part No. - UPD16877

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD16877 RENESAS-UPD16877 Datasheet
301Kb / 14P
MOS INTEGRATED CIRCUIT
2000
UPD16877MA-6A5 RENESAS-UPD16877MA-6A5 Datasheet
301Kb / 14P
MOS INTEGRATED CIRCUIT
2000
More results

Similar Description - UPD16877

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16804 NEC-UPD16804 Datasheet
87Kb / 12P
MONOLITHIC H BRIDGE DRIVER CIRCUIT
UPD16805 NEC-UPD16805 Datasheet
85Kb / 12P
MONOLITHIC H BRIDGE DRIVER CIRCUIT
UPD16833A NEC-UPD16833A Datasheet
90Kb / 12P
MONOLITHIC QUAD H BRIDGE DRIVER CIRCUIT
UPD16835 NEC-UPD16835 Datasheet
196Kb / 32P
MONOLITHIC QUAD H BRIDGE DRIVER CIRCUIT
UPD16837 NEC-UPD16837 Datasheet
110Kb / 16P
MONOLITHIC QUAD H BRIDGE DRIVER
UPD16879 NEC-UPD16879 Datasheet
199Kb / 6P
MONOLITHIC QUAD H BRIDGE DRIVER CIRCUIT
UPD16835A NEC-UPD16835A Datasheet
227Kb / 32P
MONOLITHIC QUAD H BRIDGE DRIVER CIRCUIT
UPD16878 NEC-UPD16878 Datasheet
242Kb / 32P
MONOLITHIC QUAD H BRIDGE DRIVER CIRCUIT
UPD168101 NEC-UPD168101 Datasheet
115Kb / 16P
MONOLITHIC QUAD H-BRIDGE DRIVER CIRCUIT
logo
Renesas Technology Corp
PD16805 RENESAS-PD16805_15 Datasheet
254Kb / 18P
MONOLITHIC H BRIDGE DRIVER CIRCUIT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com