Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD16879 Datasheet(PDF) 1 Page - NEC

Part # UPD16879
Description  MONOLITHIC QUAD H BRIDGE DRIVER CIRCUIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16879 Datasheet(HTML) 1 Page - NEC

  UPD16879 Datasheet HTML 1Page - NEC UPD16879 Datasheet HTML 2Page - NEC UPD16879 Datasheet HTML 3Page - NEC UPD16879 Datasheet HTML 4Page - NEC UPD16879 Datasheet HTML 5Page - NEC UPD16879 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
MOS INTEGRATED CIRCUIT
µµµµPD16879
MONOLITHIC QUAD H BRIDGE DRIVER CIRCUIT
Document No. S14188EJ1V0DS00 (1st edition)
Date Published July 2000 N CP(K)
Printed in Japan
DATA SHEET
©
2000
The
µPD16879 is a monolithic quad H bridge driver IC that employs a CMOS control circuit and a MOSFET output
circuit. Because it uses MOSFETs in its output stage, this driver IC consumes less power than conventional driver
ICs that use bipolar transistors.
Because the
µPD16879 controls a motor by inputting serial data, its package has been shrunk and the number of
pins reduced. As a result, the performance of the application set can be improved and the size of the set has been
reduced.
This IC employs a current-controlled 64-step micro step driving method that drives stepper motor with low
vibration.
The
µPD16879 is a housed in a 38-pin shrink SOP to contribute to the miniaturization of application set.
This IC can simultaneously drive two stepper motors and is ideal for the mechanisms of camcorders.
FEATURES
• Four H bridge circuits employing power MOS FETs
• Current-controlled 64-step micro step driving
• Motor control by serial data (8 bits × 13 bytes)
PWM-frequency, output current and number of output pulse can be setting by serial data.
• 3-V power supply.
Minimum operating voltage: 2.7 V
• Low consumption current.
VDD pin current (operating mode)
: 3 mA (MAX.)
• Power save circuit bult in.
VDD pin current (power save mode) : 100
µA (MAX.)
fCLK: OFF state
VDD pin current (power save mode) : 300
µA (MAX.)
fCLK: 4.5 MHz input
• 38-pin shrink SOP (7.62 mm (300))
ORDERING INFORMATION
Part Number
Package
µPD16879GS-BGG
38-pin plastic shrink SOP (7.62 mm (300))


Similar Part No. - UPD16879

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD16879 RENESAS-UPD16879 Datasheet
444Kb / 34P
MOS INTEGRATED CIRCUIT
2000
UPD16879GS-BGG RENESAS-UPD16879GS-BGG Datasheet
444Kb / 34P
MOS INTEGRATED CIRCUIT
2000
More results

Similar Description - UPD16879

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16804 NEC-UPD16804 Datasheet
87Kb / 12P
MONOLITHIC H BRIDGE DRIVER CIRCUIT
UPD16805 NEC-UPD16805 Datasheet
85Kb / 12P
MONOLITHIC H BRIDGE DRIVER CIRCUIT
UPD16833A NEC-UPD16833A Datasheet
90Kb / 12P
MONOLITHIC QUAD H BRIDGE DRIVER CIRCUIT
UPD16835 NEC-UPD16835 Datasheet
196Kb / 32P
MONOLITHIC QUAD H BRIDGE DRIVER CIRCUIT
UPD16837 NEC-UPD16837 Datasheet
110Kb / 16P
MONOLITHIC QUAD H BRIDGE DRIVER
UPD16877 NEC-UPD16877 Datasheet
74Kb / 6P
MONOLITHIC QUAD H-BRIDGE DRIVER CIRCUIT
UPD16835A NEC-UPD16835A Datasheet
227Kb / 32P
MONOLITHIC QUAD H BRIDGE DRIVER CIRCUIT
UPD16878 NEC-UPD16878 Datasheet
242Kb / 32P
MONOLITHIC QUAD H BRIDGE DRIVER CIRCUIT
UPD168101 NEC-UPD168101 Datasheet
115Kb / 16P
MONOLITHIC QUAD H-BRIDGE DRIVER CIRCUIT
logo
Renesas Technology Corp
PD16805 RENESAS-PD16805_15 Datasheet
254Kb / 18P
MONOLITHIC H BRIDGE DRIVER CIRCUIT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com