Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1335 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN1335
Description  ST10F280 is a new member of ST10 family
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1335 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN1335 Datasheet HTML 2Page - STMicroelectronics AN1335 Datasheet HTML 3Page - STMicroelectronics AN1335 Datasheet HTML 4Page - STMicroelectronics AN1335 Datasheet HTML 5Page - STMicroelectronics AN1335 Datasheet HTML 6Page - STMicroelectronics AN1335 Datasheet HTML 7Page - STMicroelectronics AN1335 Datasheet HTML 8Page - STMicroelectronics AN1335 Datasheet HTML 9Page - STMicroelectronics AN1335 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
AN1335 - APPLICATION NOTE
8/10
8.3.3.1 - Software Configuration
; init XTCR
MOV
R3, #0C000h
;XTCR address
MOV
R0, #009Eh
;configuration value
MOV
[R3], R0
; init TSVR
MOV
R3, #0C002h
;register address
MOV
R0, #0000h
;start value
MOV
[R3], R0
; init TEVR
MOV
R3, #0C004h
;register address
MOV
R0, #000Fh
;end value
MOV
[R3], R0
; run Xtimer by XTCR
MOV
R3, #0C000h
MOV
R0, #009Fh
MOV
[R3], R0
Note : bit : "interrupt enable" in XTCR shall be set to enable th esignal on Xtimer output pin (X_ADC_INJ).
8.3.3.2 - Hardware Configuration
In practice, the falling edge of the X_ADC_INJ signal must be delayed up to 8 CPU clock cycles. The
following figure shows the external circuit that have to be added:
8.4 - XPWM
XPWM are identical to the one in ST10 peripheral address range.
The differences to the user are due to the fact they are not bit addressable and that all the associated
interrupt requests have been ORed on a single interrupt node.
Figure 1 : External Connection for ADC Channel Injection
Input
Latch
XTIMER
Clock
P7.7/CC31
X_ADC_INJ
CAPCOM2 UNIT
C
R
Output trigger for ADC
channel injection
Typical value:
R = 10K
Ω C = 47pF at 40MHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com