Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1596 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN1596
Description  Today?셲 automotive market requires a continuous increasing
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1596 Datasheet(HTML) 5 Page - STMicroelectronics

  AN1596 Datasheet HTML 1Page - STMicroelectronics AN1596 Datasheet HTML 2Page - STMicroelectronics AN1596 Datasheet HTML 3Page - STMicroelectronics AN1596 Datasheet HTML 4Page - STMicroelectronics AN1596 Datasheet HTML 5Page - STMicroelectronics AN1596 Datasheet HTML 6Page - STMicroelectronics AN1596 Datasheet HTML 7Page - STMicroelectronics AN1596 Datasheet HTML 8Page - STMicroelectronics AN1596 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5/24
AN1596 - APPLICATION NOTE
Having the characteristic RDS(on) versus Tj, the relevant chip temperature can be derived. Figure 5 shows
different PCB layout for PowerSO-10 package. The thermal resistance Rthj-amb can be reduced from
50°C/W to 15°C/W by holes linking different copper layers.
In the VIPower HSDs datasheets there are two sections concerning the thermal management. The first
one shows the thermal calculation in order to find out the junction temperature in static conditions together
with a plot of thermal resistance junction to ambient versus PCB heatsink area. The second one shows a
plot of thermal impedance junction ambient in single pulse and the thermal model is shown with relevant
thermal resistances and capacitors values (easy simulations can be performed both in static conditions
and during transients as, for example, switching on a load with high in rush currents or PWM operation).
In figure 6 an example of a double channel HSD thermal model is shown.
Figure 6: VND830 (SO16L package) thermal model
THE CONTROL AND PROTECTION CIRCUIT
Protection against low energy spikes and load dump
The voltage transients are very dangerous hazards to the automotive electronics. The transients tend to
be either low energy- high voltage spikes or high energy-high voltage, up to 125V levels. The low energy
spikes are generated by fast turnoff of high-current inductive loads, such as air-conditioning compressor
clutches. This effect, combined with inductive behavior of wires, causes an overshoot voltage on the
devices VCC pin. M0-3 High Side Drivers have an internal protection designed to clamp the low energy
spikes to 41V (VCC clamp block in figure1). In this situation the energy can flow through the internal
MOSFET T2 that is turned on through an internal clamp circuit (see figure 7).
M0-3 High Side Drivers are designed to successfully pass the 1, 2, 3a, 3b and 4 ISO-7637 standard
pulses test (see table 1 carried in HSDs datasheets as well) - simulating the low energy voltage spikes.
These values must be added to the voltage battery (for cars about 13.5V) to obtain the actual voltage. The
N.5 ISO7637 pulse simulates the alternator load dump in the case of a Generator with an internal
impedance of 2
Ω and different values of magnetic field of the excitation circuit (see figure 8 for the level
IV pulse); this occurs when the battery is disconnected whilst being charged by the alternator. The voltage
spike can reach duration of approximately ½ second and it is of high-energy nature because of the
alternator's low source impedance. Where a centralized clamp circuit is not provided or ISO7637 rated
devices are not used, an external zener Dld diode is necessary to clamp the transient voltage battery (see
figure 7). This is done because an internal protection against load dump would require a larger die size
and - therefore - higher cost than putting on a module level protection.
T_amb
Pd1
C1
R4
C3
C4
R3
R1
R6
R5
R2
C5
C6
C2
Pd2
R2
C1
C2
R1
Tj_1
Tj_2
Area/island (cm2)
Footprint
6
R1 (°C/W)
0.15
R2 (°C/W)
0.8
R3 (°C/W)
2.2
R4 (°C/W)
12
R5 (°C/W)
15
R6 (°C/W)
37
22
C1 (W.s/°C)
0.0006
C2 (W.s/°C)
2.10E-03
C3 (W.s/°C)
1.50E-02
C4 (W.s/°C)
0.14
C5 (W.s/°C)
1
C6 (W.s/°C)
3
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com