Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2031 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN2031
Description  EVALUATION BOARD DESCRIPTION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2031 Datasheet(HTML) 2 Page - STMicroelectronics

  AN2031 Datasheet HTML 1Page - STMicroelectronics AN2031 Datasheet HTML 2Page - STMicroelectronics AN2031 Datasheet HTML 3Page - STMicroelectronics AN2031 Datasheet HTML 4Page - STMicroelectronics AN2031 Datasheet HTML 5Page - STMicroelectronics AN2031 Datasheet HTML 6Page - STMicroelectronics AN2031 Datasheet HTML 7Page - STMicroelectronics AN2031 Datasheet HTML 8Page - STMicroelectronics AN2031 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AN2031 APPLICATION NOTE
2/12
that have an adjustment range from +48dB to -78dB in 0.5dB increments. In addition, the mat-
er volume is adjustable from 0dB to -127dB in 0.5dB steps.
Tone control registers boost or cut the treble and bass by +/-12dB, in 2dB steps.
EQ filters are IIR biquads configurable by programmable coefficients.
2.4 POWER OUTPUT
The power level signals are applied to passive two-pole low pass filter, and provide low distor-
tion audio power to the load. The output filter functions to prevent unwanted high frequency
switching signals from reaching the load. Filter designs for 2
Ω. Peak voltage on power pins
must not exceed 35V.
Snubber networks are employed to protect the output MOSFETs from inductive transients,
which can reach levels higher than the supply voltage.
Output snubber filter values are R18/C66 and R14/C53.
The other critical components for device reliability are C47, C51, C58, C63 (1uF) and C48,
C52, C59, C64 (100nF); these bypass capacitors from Vcc and power GND pins of STA508.
These capacitors must be X7R Ceramic or Tantalum SMD construction and must be located
as close as possible to the device pins.
The STA508 shuts down when it reaches 150°C.
2.5 JUMPERS CONNECTOR
The STA308-508//-EVB provides some jumpers to configure the board.
2.5.1 JUMPERS:
JP1: (INT-SEL-EXT): short on EXT-SEL to use different power supplies; short on INT-SEL to
use only one power supply;
JP2: (2.5A): short (with solder tin) if STA308 IC is solder on the board. If there is the STA308A
this jumper could be opened;
JP3: (2.5A): short (with solder tin) if STA308 IC is solder on the board. If there is the STA308A
this jumper could be opened;
JP4: short this jumper to use two different power supply;
JP5: (OPTIC- SPDIF -ELEC): short the central pin with ELEC pin to use Electric S/PDIF; short
the central pin with OPTIC pin to use the optical S/PDIF.
JP6: short (with solder tin) 3.3A and center if STA308A IC is solder on the board. If there is the
STA308A this jumper could be short on 3.3V and center
JP7: this pin must be open.
2.5.2 CONNECTORS:
J1: Logic supply (5V)
J2: Power Supply (10V to 35V)
J3: Male 20 pin connector for plug control board
J4: RCA connector electric S/PDIF
J5: Optical S/PDIF SHARP GP1F31R
J6: Connector for output load A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com