Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2229 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2229
Description  Purpose of the Application Note is to detail the startup behaviour
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2229 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2229 Datasheet HTML 1Page - STMicroelectronics AN2229 Datasheet HTML 2Page - STMicroelectronics AN2229 Datasheet HTML 3Page - STMicroelectronics AN2229 Datasheet HTML 4Page - STMicroelectronics AN2229 Datasheet HTML 5Page - STMicroelectronics AN2229 Datasheet HTML 6Page - STMicroelectronics AN2229 Datasheet HTML 7Page - STMicroelectronics AN2229 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AN2229
3 Proposed initialization sequences for L9903:
5/8
3
Proposed initialization sequences for L9903:
Alternative 1:
Vs > 7V
EN = High
for >50
μs
PWM = Low
after 50
μs of EN
DIR = High
for >10
μs after min 50μs of EN
DIR = Low
for >10
μs after min 10μs DIR = High after min 50μs of EN
Alternative 2:
Vs > 7V
EN = High
after 50
μs of EN
PWM = Low
positive Edge after min 50
μs of EN
DIR = Low
for >10
μs after min 50μs of EN
DIR = High
for >10
μs after min 10μs DIR = Low after min 50μs of EN
Figure 4.
Proposed Sequence to Initialize L9903 after VS is applied
Two possible solutions. Important is that after enabling the L9903 both LS transistors willb be switched-on
(Sx forced o GND) for at least 10
μs (Cboot=100nF) to allow boostrap capacitor to be charged. This is
realized by changing the DIR-input while PWM is low. The min 50
μs delay are needed for the internal
circuit to setup. A signal change within the 50
μs may not be detected.
VS
EN
VS should be >7V before EN=HI
>50us
PWM
DIR
Alternative 2:
neg. Pulse at DIR
with PWM=0
>10us
PWM
DIR
Alternative 1:
pos. Pulse at DIR
with PWM=0
>10us



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com