Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2244 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2244
Description  The ST10F27x MCUs provide 0.18關m embedded true Flash technology
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2244 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2244 Datasheet HTML 1Page - STMicroelectronics AN2244 Datasheet HTML 2Page - STMicroelectronics AN2244 Datasheet HTML 3Page - STMicroelectronics AN2244 Datasheet HTML 4Page - STMicroelectronics AN2244 Datasheet HTML 5Page - STMicroelectronics AN2244 Datasheet HTML 6Page - STMicroelectronics AN2244 Datasheet HTML 7Page - STMicroelectronics AN2244 Datasheet HTML 8Page - STMicroelectronics AN2244 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
September 2013
Rev
2
1/17
AN2244
Application note
EEPROM emulation with ST10F27x embedded Flash
using the ST10F27x Flash library
Introduction
The ST10F27x MCUs provide 0.18µm embedded true Flash technology.
This Flash technology has been designed to store software program instructions and is not
adapted to dynamic data storage because it can only be erased by sector.
Typically, when the code is programmed, some portions of the Flash remain free. This
unused space can be used as virtual EEPROM, thus avoiding the additional cost and
complexity incurred by using an external serial EEPROM.
This application note shows a method of performing EEPROM emulation. It provides
software routines to overcome the Flash limitations in terms of read/write access and
number of cycles.
This document is divided into the following sections:
■ Overview of ST10F27x Embedded Flash
■ The ST10F27x Flash library provided by STMicroelectronics
■ Application example: EEPROM Emulation. This application example helps the user to
become familiar with the ST10F27x Flash library, given that it uses the main important
Flash library functions of programming, erasing and verifying.
The application source files are provided within an associated downloadable package. This
file must be unpacked into a directory before use.
The EEPROM emulation driver was compiled using the two tool chains, Tasking and Keil,
and it can be ported easily to any other ST10 tool chain.
For more information, please refer to the ST10F27x related documentation.
www.st.com


Similar Part No. - AN2244

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2240 STMICROELECTRONICS-AN2240 Datasheet
253Kb / 9P
low noise microphone preamplifier with 2 V bias
26-Aug-2009
AN2242 STMICROELECTRONICS-AN2242 Datasheet
571Kb / 31P
This document describes a reference design
05-Dec-2005
More results

Similar Description - AN2244

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATC18M ATMEL-ATC18M Datasheet
115Kb / 8P
0.18 關m CMOS Cell-based ASIC for Military Use
logo
Maxim Integrated Produc...
ZLF645 MAXIM-ZLF645 Datasheet
1Mb / 201P
Flash MCUs with Learning Amplification
Rev 0; 4/09
logo
Microchip Technology
PIC16F87 MICROCHIP-PIC16F87_13 Datasheet
4Mb / 230P
18/20/28-Pin Enhanced Flash MCUs with nanoWatt Technology
11/29/12 2002-2013
PIC16F88-I-P MICROCHIP-PIC16F88-I-P Datasheet
4Mb / 230P
18/20/28-Pin Enhanced Flash MCUs with nanoWatt Technology
11/29/12
logo
STMicroelectronics
AN2143 STMICROELECTRONICS-AN2143 Datasheet
377Kb / 8P
Programming the ST10F27X embedded Flash
24-Sep-2013
AN2168 STMICROELECTRONICS-AN2168 Datasheet
201Kb / 15P
The ST10F27x MCUs are derivatives of the STMicroelectronics
24-Sep-2013
AN2353 STMICROELECTRONICS-AN2353 Datasheet
180Kb / 18P
Designing an application with the ST10F27x devices
24-Sep-2013
logo
JIEJIE MICROELECTRONICS...
ACJT10 JIEJIE-ACJT10 Datasheet
361Kb / 5P
The ACJT10 series of double mesa technology provide high interference immunity
logo
Shenzhen Luguang Electr...
3400 LUGUANG-3400 Datasheet
1Mb / 6P
The 3400 uses advanced trench technology to provide excellent RDS(ON)
3400L LUGUANG-3400L Datasheet
1Mb / 6P
The 3400L uses advanced trench technology to provide excellent RDS(ON)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com