Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2353 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2353
Description  Designing an application with the ST10F27x devices
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2353 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2353 Datasheet HTML 8Page - STMicroelectronics AN2353 Datasheet HTML 9Page - STMicroelectronics AN2353 Datasheet HTML 10Page - STMicroelectronics AN2353 Datasheet HTML 11Page - STMicroelectronics AN2353 Datasheet HTML 12Page - STMicroelectronics AN2353 Datasheet HTML 13Page - STMicroelectronics AN2353 Datasheet HTML 14Page - STMicroelectronics AN2353 Datasheet HTML 15Page - STMicroelectronics AN2353 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Special pins
AN2353
12/18
There are two ways of disabling the BHE alternate function on P3.12:
–
Select an 8-bit data bus size on Port0 during reset (pin P0L7 to VSS).
–
Disable it via bit BYTDIS of the SYSCON register.
4
Special pins
4.1
External access enable/stand-by voltage supply pin
(EA/VSTBY)
A low level applied to this pin during and after reset forces the ST10F27x to start the
program execution from the external memory space. A high level will start the program
execution from internal memory.
If only internal memory is used, this pin can be tied directly to VDD.
The EA/VSTBY pin is also used (when Stand-by mode is entered, that is, ST10F27x under
reset and main VDD turned off) to bias the 32 kHz oscillator amplifier circuit, to provide a
reference voltage for the low-power embedded voltage regulator which generates the
internal 1.8V supply for the XRTC module (when not disabled) and to retain data inside the
Stand-by portion of the XRAM (16 Kbyte). It can range from 4.5 to 5.5V.
4.2
RPD Pin
The RPD pin (Return from Power-Down) generates the proper internal timing sequence
when interruptible power-down mode is used.
If the interruptible power-down mode is not used, the RPD pin can be connected to the
ground (directly or via a resistor of 1M maximum). In this configuration, the device always
performs asynchronous resets.
For more details, please refer to application note AN2340,
ST10 RPD pin: Functionality
during Reset and Power-down mode.
5
Reset
For information on ST10F27x reset, please refer to the product user manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com