Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2612 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2612
Description  Single 5-V DC power supply
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2612 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2612 Datasheet HTML 6Page - STMicroelectronics AN2612 Datasheet HTML 7Page - STMicroelectronics AN2612 Datasheet HTML 8Page - STMicroelectronics AN2612 Datasheet HTML 9Page - STMicroelectronics AN2612 Datasheet HTML 10Page - STMicroelectronics AN2612 Datasheet HTML 11Page - STMicroelectronics AN2612 Datasheet HTML 12Page - STMicroelectronics AN2612 Datasheet HTML 13Page - STMicroelectronics AN2612 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Design information
AN2612
10/28
22
DIODE 1
TMBYV10-60
Diode
Can take
replacement
23
IC
1
IC1
BT-STA2416C2
24
IC
1
IC2
STA529QFN
QFN52
25
IC
1
IC3
LD2985AM18
SOT23-5L
26
IC
1
IC4
TS462
MSOP8
Alternative:
ADA4841-2
27
IC
2
IC5, IC6
LD2985AM33
SOT23-5L
28
CON
1
J1
CON8A
2 x 4-pin step
2.54mm
29
CON
1
J2
CON5
SMA
30
CON
1
J3
RIGHT
RCA
31
CON
1
J4
LEFT
RCA
32
CON
1
J5
CON2
DC jack
33
BEAB
2
L1, L2
FERRITE
0805
34
RES
6
R1, R2, R20, R21, R52,
R53
1 k
Ω
0603
35
RES
15
R3, R7, R9, R10, R12,
R13, R14, R15, R16, R17,
R18, R19, R24, R28, R51
0
Ω
0603
36
RES
3
R4, R39, R44
10 k
Ω
0603
37
RES
1
R6
100
Ω
0603
38
RES
1
R8
3.3 k
Ω
0603
39
RES
1
R22
1 M
Ω
0603
40
RES
1
R23
12 k
Ω
0603
41
RES
1
R25
470
Ω
0603
42
RES
2
R26, R27
1.1
Ω
0603
43
RES
4
R29, R33, R49, R50
30 k
Ω
0603
44
RES
12
R30, R31, R32, R35, R36,
R37, R40, R41, R42, R46,
R47, R48
4.7 k
Ω
0603
45
RES
2
R34, R45
1.5 k
Ω
0603
46
RES
2
R38, R43
15 k
Ω
0603
47
SW
5
S1, S2, S3, S4, S5
KSR221J
KSR221J
Can take
replacement
48
TP
1
TP1
RST
1 pin not soldered
49
TP
1
TP2
PWREN
1 pin not soldered
50
TP
1
TP3
BOOT
1 pin not soldered
Table 3.
BOM for BT_HTS_RX_R2 (V01) (continued)
Item
Ref
Qty
Designator
Part
Footprint
Remarks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com