Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2650 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN2650
Description  L9942 stepper motor driver for bipolar stepper motors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2650 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN2650 Datasheet HTML 18Page - STMicroelectronics AN2650 Datasheet HTML 19Page - STMicroelectronics AN2650 Datasheet HTML 20Page - STMicroelectronics AN2650 Datasheet HTML 21Page - STMicroelectronics AN2650 Datasheet HTML 22Page - STMicroelectronics AN2650 Datasheet HTML 23Page - STMicroelectronics AN2650 Datasheet HTML 24Page - STMicroelectronics AN2650 Datasheet HTML 25Page - STMicroelectronics AN2650 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
Power dissipation
AN2650
22/26
DocID14109 Rev 3
7.2
Static freewheeling
Only the RDS,on of the high and low side switches are used for free wheeling and
generating power dissipation.
7.3
Dynamic slew rate power dissipation
During the H-bridge switching, the voltage and the current chang in a triangular form with
the defined slew rate.
7.4
Power dissipation for one PWM phase
The temporary power dissipations, explained above, are summed for the complete PWM
phase.
PP
ON
t
Pulse
t
r f
⁄
–
t
D
-------------------------------



P
FW
t
D
t
Pulse
t
r f
⁄
–
–
t
D
-------------------------------------------



2P
SR
2t
r f
⁄
⋅
t
D
-----------------



⋅⋅
+
⋅
+
⋅
=
PP
ON
t
D
2t
r f
⁄
⋅
–
t
D
----------------------------



2P
SR
2
t
r f
⁄
t
D
---------
⋅



⋅
⋅
+
⋅
=
P2 R
DSON I
2
t
D
2t
r f
⁄
⋅
–
t
D
----------------------------



⋅
2U I
t
r f
⁄
t
D
---------



⋅⋅ ⋅
+
⋅⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com