Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2791 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2791
Description  This document describes a detailed analysis on the current regulated channels
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2791 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2791 Datasheet HTML 9Page - STMicroelectronics AN2791 Datasheet HTML 10Page - STMicroelectronics AN2791 Datasheet HTML 11Page - STMicroelectronics AN2791 Datasheet HTML 12Page - STMicroelectronics AN2791 Datasheet HTML 13Page - STMicroelectronics AN2791 Datasheet HTML 14Page - STMicroelectronics AN2791 Datasheet HTML 15Page - STMicroelectronics AN2791 Datasheet HTML 16Page - STMicroelectronics AN2791 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
AN2791
Virtual current control loop on the Q1, Q2 channels of Root Part Number 1
13/18
5
Virtual current control loop on the Q1, Q2 channels of
Root Part Number 1
In this section we describe an analysis, done on the unregulated channels Q1, Q2 of the
Root Part Number 1, aimed to understand the limits of a virtual current control loop on the
same channels. The idea is to tune the duty-cycle of the Q1, Q2 channels on a
measurement of the duty-cycle observed on the regulated channels Q3, Q4. Clearly, we
considered same load conditions, that is, for both the regulated and unregulated channels of
the Root Part Number 1, we considered same coils, same INLET valves. Furthermore, to
balance the difference of PWM signal frequency on the Root Part Number 1 channels, the
unregulated ones (i.e. Q1, Q2) have been driven with a frequency of 3.9 kHz
(b). In order to
allow the current recirculation during the off-state of the Q1, Q2 channels, external free-
wheeling diodes have been used to link the channel output and Vbat. As free-wheeling
diode we have considered the ST power Shottky diodes 1N5817.
Figure 9.
Evaluation of the VCCL on the L9352B unregulated channels: first test
condition block scheme
As first operative condition for our tests (see Figure 9) we can refer to the following data:
●
INLET valve opening/closing frequency of 1Hz
●
for the first 450 ms, duty-cycle = 0.1 %
●
for the next 50 ms, duty-cycle = 90 %
●
for the last 500 ms, duty-cycle =[ 15:10:75] %
The Table 2 shows the results related to this first operative condition that we considered for
our tests. As we can see in the last four columns, the difference between the mean current
on the load driven by the unregulated channel and the mean current on the load driven by
the regulated channel reduces as the set-point, that is, the duty of the hold phase increases.
b.
Take into account that the ideal frequency of the output PWM signal of the current regulated channels (i.e. Q3,
Q4) is the (clock frequency)/64, that is, 3.9 kHz for a clock frequency of 250 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com