Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2874 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2874
Description  BQD filter design equations
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2874 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2874 Datasheet HTML 1Page - STMicroelectronics AN2874 Datasheet HTML 2Page - STMicroelectronics AN2874 Datasheet HTML 3Page - STMicroelectronics AN2874 Datasheet HTML 4Page - STMicroelectronics AN2874 Datasheet HTML 5Page - STMicroelectronics AN2874 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
February 2009
Rev 1
1/6
AN2874
Applications note
BQD filter design equations
1
Introduction
A generalized set of equations is formulated for the design of first-order and second-order
low-pass and high-pass filters. A specialized set of equations is then given for the design of
parametric biquad EQ filters.
The parameters governing the characteristics of the filter are:
!
filter cut-off frequency, fC (-3 dB corner frequency)
!
sampling rate (fS).
!
Q factor
!
boost/cut gain value at fC.
These parameters can be used to determine the coefficients of the filter transfer function.
The transfer function for a first-order filter in the digital z-domain can be written as:
H(z) = (b0 + b1.z
-1) / (a
0 + a1.z
-1).
And for a second-order filter as:
H(z) = (b0 + b1.z
-1 + b
2.z
-2) / (a
0 + a1.z
-1+ a
2.z
-2).
This document can be used in conjunction with all the ST digital audio devices having EAQ
filters onboard. These include STA309A, STA320, STA321, STA33xBW and several others.
www.st.com


Similar Part No. - AN2874

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN287 ETC2-AN287 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
STMicroelectronics
AN2870 STMICROELECTRONICS-AN2870 Datasheet
1Mb / 41P
L6585DE combo IC
26-Mar-2009
AN2871 STMICROELECTRONICS-AN2871 Datasheet
330Kb / 25P
This application note is intended for hardware designers
18-Sep-2013
AN2872 STMICROELECTRONICS-AN2872 Datasheet
587Kb / 23P
Super wide-range buck converter based on the VIPer16
23-Apr-2009
More results

Similar Description - AN2874

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
UAF42 BURR-BROWN-UAF42 Datasheet
569Kb / 14P
FILTER DESIGN PROGRAM FOR THE UAF42 UNIVERSAL ACTIVE FILTER
logo
Cirrus Logic
CRD5381 CIRRUS-CRD5381 Datasheet
978Kb / 24P
Audio A/D Converter w/ Asynchronous Decimation Filter Reference Design
logo
RF Monolithics, Inc
SF2242B RFM-SF2242B Datasheet
895Kb / 5P
Compact 40 MHz SAW Filter Design
logo
STMicroelectronics
AN1059 STMICROELECTRONICS-AN1059 Datasheet
245Kb / 20P
DESIGN EQUATIONS OF HIGH-POWER-FACTOR
Sep-2003
logo
PACELEADER INDUSTRIAL
PT-LW321 PACELEADER-PT-LW321 Datasheet
1Mb / 12P
Distances calculated with the above equations will include a slight error.
logo
List of Unclassifed Man...
Q22 ETC2-Q22 Datasheet
201Kb / 2P
Versatile mechanical design maximizes design flexibility
Q38 ETC2-Q38 Datasheet
176Kb / 2P
Versatile mechanical design maximizes design flexibility
Q48 ETC2-Q48 Datasheet
176Kb / 2P
Versatile mechanical design maximizes design flexibility
Q58 ETC2-Q58 Datasheet
176Kb / 2P
Versatile mechanical design maximizes design flexibility
Q68 ETC2-Q68 Datasheet
176Kb / 2P
Versatile mechanical design maximizes design flexibility
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com