Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2933 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2933
Description  Demo board user guidelines for the TS4999 filter-free stereo
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2933 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2933 Datasheet HTML 1Page - STMicroelectronics AN2933 Datasheet HTML 2Page - STMicroelectronics AN2933 Datasheet HTML 3Page - STMicroelectronics AN2933 Datasheet HTML 4Page - STMicroelectronics AN2933 Datasheet HTML 5Page - STMicroelectronics AN2933 Datasheet HTML 6Page - STMicroelectronics AN2933 Datasheet HTML 7Page - STMicroelectronics AN2933 Datasheet HTML 8Page - STMicroelectronics AN2933 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
March 2009
Rev 1
1/10
AN2933
Application note
Demo board user guidelines for the TS4999 filter-free stereo
2 x 2.8 W class D audio power amplifier with selectable 3D effect
Introduction
This application note concerns the TS4999 demonstration board, designed to evaluate the
stereo class D audio differential amplifier TS4999.
This document provides:
■ a brief description of the TS4999 device.
■ a description of the demonstration board and all of its components.
■ the layout of the demonstration board.
About the TS4999
The TS4999 is a fully-differential class D stereo power amplifier. It can drive up to 1.35 W
into an 8
Ω load at 5 V per channel. The device has four different gain settings utilizing two
discrete pins, G0 and G1.
Pop and click reduction circuitry provides low on/off switch noise while allowing the device to
start within 8 ms. 3D enhancement effects are selected through one digital input pin that
allows more amazing stereo audio sound.
Two standby pins (active low) allow each channel to be switched off separately.
The TS4999 is available in an 18-bump flip-chip package.
Key features of the TS4999
■ Operating range from VCC = 2.4 V to 5.5 V.
■ Dedicated standby mode active low for each channel.
■ Output power per channel: 2.8 W at 5 V into 4
Ω with 10% THD+N or 0.7 W at 3.6 V into
8
Ω with 1% THD+N max.
■ Selectable 3D sound effect.
■ Four gain setting steps: 3.5, 6, 9.5 and 12 dB.
■ Low current consumption.
■ PSRR: 63 dB typical at 217 Hz.
■ Fast start-up phase: 7.8 ms.
■ Output short-circuit and thermal shutdown protection.
■ Flip-chip 18-bump lead-free package.
Refer to the datasheet for complete information on the TS4999.
www.st.com


Similar Part No. - AN2933

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2934 STMICROELECTRONICS-AN2934 Datasheet
1Mb / 27P
The new VIPer17 device is a converter that offers a PWM controller built in BCD6
27-Sep-2012
AN2936 STMICROELECTRONICS-AN2936 Datasheet
307Kb / 10P
10 W SMPS with HV power MOSFET and the L6565
16-Mar-2009
AN2937 STMICROELECTRONICS-AN2937 Datasheet
1Mb / 41P
Power system demonstration kit based on the PM6686 dual
20-Aug-2009
AN2938 STMICROELECTRONICS-AN2938 Datasheet
1Mb / 39P
Power system demonstration kit based on the PM6686 dual
19-Jun-2009
More results

Similar Description - AN2933

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRISMPS5 IRF-IRISMPS5 Datasheet
467Kb / 11P
IRISMPS5 DEMO BOARD USER GUIDE
logo
STMicroelectronics
STEVAL-CCA016V1 STMICROELECTRONICS-STEVAL-CCA016V1 Datasheet
103Kb / 5P
Filter-free stereo 2.8 W Class-D audio power amplifier demo board with selectable 3D sound effects based on the TS4999
11-Jun-2009
logo
Analog Intergrations Co...
DS6625 AIC-DS6625 Datasheet
324Kb / 1P
DS6625 Demo Board User Manual
DS6631 AIC-DS6631 Datasheet
244Kb / 1P
DS6631 Demo Board User Manual
logo
STMicroelectronics
AN2995 STMICROELECTRONICS-AN2995 Datasheet
304Kb / 13P
Demonstration board user guidelines
23-Jun-2009
AN3222 STMICROELECTRONICS-AN3222 Datasheet
633Kb / 18P
Demonstration board user guidelines
25-Oct-2010
AN2722 STMICROELECTRONICS-AN2722 Datasheet
870Kb / 16P
Demonstration board user guidelines for the
13-Mar-2009
AN2862 STMICROELECTRONICS-AN2862 Datasheet
164Kb / 7P
Demonstration board user guidelines for the TS2007FC
06-Feb-2009
logo
NXP Semiconductors
UM10720 PHILIPS-UM10720 Datasheet
1Mb / 16P
User manual for the TFT touch demo board OM11058
Rev. 1-25 June 2013
logo
Teridian Semiconductor ...
73S8023C TERIDIAN-73S8023C_V01 Datasheet
816Kb / 19P
Demo Board User Manual
Rev. 1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com