Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3044 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN3044
Description  ECU level diagnostic with SPC563Mx and SPC564Ax
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3044 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN3044 Datasheet HTML 7Page - STMicroelectronics AN3044 Datasheet HTML 8Page - STMicroelectronics AN3044 Datasheet HTML 9Page - STMicroelectronics AN3044 Datasheet HTML 10Page - STMicroelectronics AN3044 Datasheet HTML 11Page - STMicroelectronics AN3044 Datasheet HTML 12Page - STMicroelectronics AN3044 Datasheet HTML 13Page - STMicroelectronics AN3044 Datasheet HTML 14Page - STMicroelectronics AN3044 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AN3044
PCB level diagnostic
Doc ID 16196 Rev 2
11/20
3.2
PCB level self tests
PCB level self tests can be run either from the application software (ex: selection from ECU
pins) or from the microcontroller RAM.
Even when high protection level is enabled, SPC563Mx and SPC564Ax allow to upload
software in RAM and to run it without having to distribute any private password to users.
This allows then to execute MCU specific self tests, ASSP self tests, power stage self tests.
The use of JTAG pins here allows to have high efficiency tools (debugger based tools) for
this analysis.
3.3
Tools for PCB level diagnostic
Different tools can be used for PCB level diagnostic.
Third party tools allowing connection to the selected communication interface can be used.
Depending on the selected communication interface, different third party tools can be used
(CAN/LIN = Vector, ETAS; JTAG = PLS, Lauterbach, iSystem). Some of those tools are also
available for external use and for extended temperature range.
Tools from STMicroelectronics
STMicroelectronics has developed tools for SPC56x for use for PCB level analysis and
using JTAG.
●
Target connection = ST Rlink
●
PC software = Raisonance debugger
This tool is only for use for ambient temperature. As the tools using JTAG and based on
debugger allow higher efficiency in PCB level diagnostic (ASSP, reading of analog inputs,
MCU) ST is only developing MCU self tests based on JTAG tools.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com