Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3190 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN3190
Description  LQFP144 pinout compatibility analysis
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3190 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN3190 Datasheet HTML 10Page - STMicroelectronics AN3190 Datasheet HTML 11Page - STMicroelectronics AN3190 Datasheet HTML 12Page - STMicroelectronics AN3190 Datasheet HTML 13Page - STMicroelectronics AN3190 Datasheet HTML 14Page - STMicroelectronics AN3190 Datasheet HTML 15Page - STMicroelectronics AN3190 Datasheet HTML 16Page - STMicroelectronics AN3190 Datasheet HTML 17Page - STMicroelectronics AN3190 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 56 page
background image
Pad compatibility
AN3190
14/56
Doc ID 17333 Rev 2
2.3
Non-compatible pads
SPC56EL60 is more demanding in terms of power consumption than is SPC560Px; thus
certain pads which are functional on SPC560Px are used as power supply pads on
SPC56EL60. From a functional point of view the compatibility of these pads between
SPC560Px and SPC56EL60 is broken.
Pad 123, although not a power supply pad, is another pad where the functional compatibility
is broken. On SPC56EL60 this pad is dedicated to the JCOMP functionality(b).
During the reset phase, these SPC560Px pads are in high impedance status. This means
that if these pads are not configured as output and are not used by the application a 3.3 V or
1.2 V voltage can be applied to them without risk. As a result, a certain level of compatibility
between SPC56EL60 and SPC560Px can be achieved in these pads.
Table 4 and Table 5 list the non-compatible pads.
117 (A.117)
eTimer 0 - ETC[5]
Compatibility on this functionality can be achieved on pad 24 and 82.
DSPI 2 - CS 3
Compatibility on this functionality can be achieved on pad 82.
119 (A.119)
eTimer 1 - ETC[5]
Compatibility can be achieved using pad 14, 129 and 144.
121 (A.121)
DSPI 0 - CS 1
SPC560Px supports this function on pad 16, but compatibility cannot be
achieved.
133 (A.133)
FlexPWM 0 - A[1]
Compatibility can be achieved on pad 15 and 124.
eTimer 0 - ETC[2]
Compatibility on this function can be achieved on pad 84.
139 (A.139)
DSPI 0 - CS6
SPC560Px supports this function on pad 130, but compatibility cannot
be achieved.
Table 3.
Partially compatible pads: SPC56EL60 functionalities not supported on SPC560Px
Pad No.
Functionality not
supported on SPC560Px
Comment
b.
The JCOMP signal (dedicated input pin) is used to reset the JTAGC independent from the state of the device.
Table 4.
Non-compatible pads: Functional on SPC560Px – power supply on SPC56EL60
Pad No.
SPC56EL60
power supply
SPC560Px
function
Comment
16 (A.16)
VDD_VH_REG
GPIO[35] - C[3]
SPC56EL60 does not support this digital IO.
EIRQ[21]
SPC56EL60 supports these functions on pad 81,
but compatibility on these functions cannot be
achieved.
DSPI 0 - CS 1
eTimer - ETC[4]
LINFlex 1 - TXD
Compatibility on this functionality can be achieved
on pad 115.
39 (A.39)
VDD_LV_COR0_4
GPIO[65] - E[1]
SPC56EL60 does not support this digital IO.
ADC 0 - AN[4]
This analog channel is supported by SPC56EL60
on pad 46.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com