Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3327 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN3327
Description  L9942 back EMF stall detection algorithm
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3327 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN3327 Datasheet HTML 13Page - STMicroelectronics AN3327 Datasheet HTML 14Page - STMicroelectronics AN3327 Datasheet HTML 15Page - STMicroelectronics AN3327 Datasheet HTML 16Page - STMicroelectronics AN3327 Datasheet HTML 17Page - STMicroelectronics AN3327 Datasheet HTML 18Page - STMicroelectronics AN3327 Datasheet HTML 19Page - STMicroelectronics AN3327 Datasheet HTML 20Page - STMicroelectronics AN3327 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
DocID18343 Rev 3
17/22
AN3327
Statistical analysis of BEMF detection
19
Figure 16. Histogram of stall detection times in one motor (right is a zoom of the left)
A "current period" is defined as the time duration to make one full 360° electrical rotation.
For this example that translates to stepping 32 times at 2 kHz or 16 ms. Within 10 half
periods, or 80 ms, stall was detected 100% of the time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com