Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRGBC40 Datasheet(PDF) 4 Page - International Rectifier

Part # IRGBC40
Description  INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=27A)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGBC40 Datasheet(HTML) 4 Page - International Rectifier

  IRGBC40 Datasheet HTML 1Page - International Rectifier IRGBC40 Datasheet HTML 2Page - International Rectifier IRGBC40 Datasheet HTML 3Page - International Rectifier IRGBC40 Datasheet HTML 4Page - International Rectifier IRGBC40 Datasheet HTML 5Page - International Rectifier IRGBC40 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
C-66
Fig. 5 - Collector-to-Emitter Voltage vs.
Case Temperature
Fig. 4 - Maximum Collector Current vs.
Case Temperature
IRGBC40F
Fig. 6 - Maximum Effective Transient Thermal Impedance, Junction-to-Case
0
1 0
2 0
3 0
4 0
5 0
2 5
5 0
7 5
1 0 0
1 2 5
1 5 0
T
, C ase T em perature (°C )
C
V
= 15 V
G E
1 .0
1 .5
2 .0
2 .5
3 .0
-6 0
-4 0
-2 0
0
2 0
4 0
6 0
8 0
1 0 0 1 2 0 1 4 0 1 6 0
T
, C ase T em perature (°C )
C
V
= 1 5 V
80 µs P U L S E W ID T H
G E
I
= 54 A
I
= 27 A
I
= 1 4A
C
C
C
0 .0 1
0 .1
1
0 .0 0 0 0 1
0 .0 0 0 1
0 .0 0 1
0 .0 1
0 .1
1
1 0
t , R ectangular P ulse D uration (sec)
1
D = 0 .5 0
0.0 1
0.0 2
0 .05
0.1 0
0.2 0
SIN G LE P UL SE
(T H ER M A L R E SP O NS E )
P
t
2
1
t
D M
N o te s:
1 . D u ty fa c to r D = t
/ t
2 . P e a k T = P
x Z
+ T
1
2
J
D M
th J C
C
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com