Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0438 Datasheet(PDF) 45 Page - STMicroelectronics

Part # UM0438
Description  This user manual defines a programming model for use with the variable-length encoding
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0438 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button UM0438 Datasheet HTML 41Page - STMicroelectronics UM0438 Datasheet HTML 42Page - STMicroelectronics UM0438 Datasheet HTML 43Page - STMicroelectronics UM0438 Datasheet HTML 44Page - STMicroelectronics UM0438 Datasheet HTML 45Page - STMicroelectronics UM0438 Datasheet HTML 46Page - STMicroelectronics UM0438 Datasheet HTML 47Page - STMicroelectronics UM0438 Datasheet HTML 48Page - STMicroelectronics UM0438 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 50 page
background image
UM0438
Glossary
45/50
Appendix B
Glossary
The glossary contains an alphabetical list of terms, phrases, and abbreviations used in this
book. Some of the terms and definitions included in the glossary are reprinted from IEEE
Std. 754-1985, IEEE Standard for Binary Floating-Point Arithmetic, copyright ©1985 by the
Institute of Electrical and Electronics Engineers, Inc. with the permission of the IEEE.
Note that some terms are defined in the context of how they are used in this book.
A
Architecture
A detailed specification of requirements for a processor or computer system. It does not
specify details of how the processor or computer system must be implemented; instead it
provides a template for a family of compatible implementations.
B
Biased exponent
An exponent whose range of values is shifted by a constant (bias). Typically a bias is
provided to allow a range of positive values to express a range that includes both positive
and negative values.
Big-endian
A byte-ordering method in memory where the address n of a word corresponds to the most-
significant byte. In an addressed memory word, the bytes are ordered (left to right) 0, 1, 2, 3,
with 0 being the most-significant byte. See Little-endian.
C
Cache
High-speed memory component containing recently-accessed data and/or instructions
(subset of main memory).
D
Denormalized number
A nonzero floating-point number whose exponent has a reserved value, usually the format's
minimum, and whose explicit or implicit leading significant bit is zero.
E
Effective address (EA)
The 32- or 64-bit address specified for a load, store, or an instruction fetch. This address is
then submitted to the MMU for translation to either a physical memory address or an I/O
address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com