Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0576 Datasheet(PDF) 1 Page - STMicroelectronics

Part # UM0576
Description  This document explains the functioning and operation of the STEVAL-CCH002V1
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0576 Datasheet(HTML) 1 Page - STMicroelectronics

  UM0576 Datasheet HTML 1Page - STMicroelectronics UM0576 Datasheet HTML 2Page - STMicroelectronics UM0576 Datasheet HTML 3Page - STMicroelectronics UM0576 Datasheet HTML 4Page - STMicroelectronics UM0576 Datasheet HTML 5Page - STMicroelectronics UM0576 Datasheet HTML 6Page - STMicroelectronics UM0576 Datasheet HTML 7Page - STMicroelectronics UM0576 Datasheet HTML 8Page - STMicroelectronics UM0576 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
August 2008
Rev 1
1/29
UM0576
User manual
HDMI and video switches using the
STEVAL-CCH002V1 demonstration board
Introduction
This document explains the functioning and operation of the STEVAL-CCH002V1
demonstration board which demonstrates the functionalities of the STMAV335, STMAV340,
STHDMI002A and STDVE003A analog and digital video switches.
The objective of this demonstration board is to display the capabilities of ST's video switches
and buffers and also the appropriate use of signal line protection devices, which have been
exhaustively used in this demonstration board at all I/O lines, whether it is standard analog
or high-speed transition minimized differential signaling (TMDS) digital signals.
Demonstration of the various devices is done by appropriate jumper settings on the
demonstration board, and all necessary I/O interface connectors as applicable for each
signal format are provided. Standard interconnects available in the market can be used to
evaluate the demonstration board.
The demonstration board has a 16 character x 2 line backlit LCD which shows the selection
status and a preprogrammed microcontroller senses all the control signals and
appropriately displays it on the LCD.
The demonstration board may be powered by the 9 V adapter supplied or by a standard 9V
adapter with a current capacity of at least 500 mA. The source need not be regulated. On
board regulators supply +5 V and +3.3 V as required.
To summarize, the STEVAL-CCH002V1 serves to demonstrate the following:
■ STMAV335 analog video switch
■ STMAV340 analog video switch
■ STHDMI002A HDMI switch
■ STDVE003A HDMI switch with equalizer/buffer
■ TSH343 analog buffer
■ TSH72 analog buffer
■ ST4300 I2C buffer
■ Various ESD protection devices in the signal I/O ports
The board also demonstrates to a large extent, the recommended PCB layout in end
applications utilizing these devices. Especially critical layout aspects in high-speed HDMI
bus have been carefully addressed in this demonstration board.
www.st.com


Similar Part No. - UM0576

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM0574 STMICROELECTRONICS-UM0574 Datasheet
667Kb / 20P
This user manual provides instructions for using
10-Oct-2008
UM0575 STMICROELECTRONICS-UM0575 Datasheet
727Kb / 20P
The e-STARTER demonstration board
13-Feb-2008
More results

Similar Description - UM0576

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1529 STMICROELECTRONICS-UM1529 Datasheet
1Mb / 35P
This document describes the functioning
18-Sep-2012
UM1554 STMICROELECTRONICS-UM1554 Datasheet
1Mb / 34P
This document describes the functioning
30-Aug-2012
UM0581 STMICROELECTRONICS-UM0581 Datasheet
1Mb / 26P
This user manual explains the operation of demonstration
21-Apr-2009
AN4354 STMICROELECTRONICS-AN4354 Datasheet
274Kb / 14P
This document describes the operation of the gate driving circuitry which
27-Mar-2015
AN4013 STMICROELECTRONICS-AN4013 Datasheet
519Kb / 37P
The purpose of this document
28-Jan-2015
UM0592 STMICROELECTRONICS-UM0592 Datasheet
958Kb / 22P
This document explains the use of the HDD extension demonstration board
11-Aug-2009
AN4127 STMICROELECTRONICS-AN4127 Datasheet
1Mb / 27P
This document describes the STEVAL-SPBT3ATV3 demonstration board
21-Jun-2012
AN4128 STMICROELECTRONICS-AN4128 Datasheet
1Mb / 28P
This document describes the STEVAL-SPBT4ATV3 demonstration board
21-Jun-2012
logo
Silicon Laboratories
SI8920ISO-EVB SILABS-SI8920ISO-EVB Datasheet
360Kb / 10P
This document describes the operation of the Si8920ISO-EVB
SI50X-32X4-EVB SILABS-SI50X-32X4-EVB Datasheet
1Mb / 8P
This document describes the operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com