Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1737 Datasheet(PDF) 6 Page - STMicroelectronics

Part # UM1737
Description  How to use the product evaluation board STEVAL-ISQ014V1
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1737 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button UM1737 Datasheet HTML 2Page - STMicroelectronics UM1737 Datasheet HTML 3Page - STMicroelectronics UM1737 Datasheet HTML 4Page - STMicroelectronics UM1737 Datasheet HTML 5Page - STMicroelectronics UM1737 Datasheet HTML 6Page - STMicroelectronics UM1737 Datasheet HTML 7Page - STMicroelectronics UM1737 Datasheet HTML 8Page - STMicroelectronics UM1737 Datasheet HTML 9Page - STMicroelectronics UM1737 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Theoretical and practical measurements
UM1737
6/14
DocID025983 Rev 1
Considering the errors due to resistor inaccuracy, Equation 3 is obtained.
Equation 3
Where:
Vth = Rs x I x (Rf/Rg)
∆R/R is the resistance tolerance. In the current application example, the tolerance of Rg and
Rf is 0.1 % and that of Rshunt is 1 %.
If the accuracy
of the resistors Rf1, Rf2, Rg1, and Rg2 = ԑ1 and the accuracy of
Rshunt = ԑ2, there is a maximum deviation of (2.ԑ1 + ԑ2) x Vth as shown in Equation 4.
Equation 4
Equation 3 can be simplified as Equation 5
Equation 5
Figure 3 shows the theoretical behavior of the above defined application.
Vout_th, Vout_min, and Vout_max are referred to the left Y-axis.
Vout_min and Vout_max take into consideration the Voh and Vol errors due to input
currents, Vio, and resistor inaccuracy. In practice, the measured values should be between
the Vout_min and Vout_max curves.
Figure 3. Theoretical output voltage and error vs. Is/Imax
Vout
Vth
1 Δ
Rs
Rs
-----------
Rf
Rf Rg
+
-------------------- Δ
Rf1
Rf1
--------------
ΔRg1
Rg1
---------------
–
⎝⎠
⎛⎞
Rg
Rf Rg
+
-------------------- Δ
Rf2
Rf2
--------------
ΔRg2
Rg2
---------------
–
⎝⎠
⎛⎞
++
+
⎝⎠
⎛⎞
×
Rf
Iio Vio 1
Rf
Rg
--------
+
⎝⎠
⎛⎞
–
×
+
=
Vth Δ
Rs
Rs
-----------
Rf
Rf Rg
+
-------------------- Δ
Rf1
Rf1
--------------
ΔRg1
Rg1
---------------
+
⎝⎠
⎛⎞
Rg
Rf Rg
+
-------------------- Δ
Rf2
Rf2
--------------
ΔRg2
Rg2
---------------
+
⎝⎠
⎛⎞
++
⎝⎠
⎛⎞
Vth 2
ε1 ε2
+
()
=
Vout
Vth 1 2
ε1 ε2
++
() Rf Iio Vio 1
Rf
Rg
--------
+
⎝⎠
⎛⎞
–
×
+
=
100m
1
10
100
1E-3
0.01
0.1
1
10
1
10
100
1000
10000
Isense/Isense_max (%)
Vout_max
Maximum theoretical error on Vout
Vout_min
Vout_th



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com