Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3119 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 3119
Description  100 MHz Lowpass Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3119 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  3119 Datasheet HTML 1Page - KR Electronics, Inc. 3119 Datasheet HTML 2Page - KR Electronics, Inc. 3119 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2013, KR Electronics, Inc.
3119, Rev 0, October 11, 2013
KR Electronics, Inc.
KR Electronics part number 3119 is a 100 MHz lowpass filter.
The filter has a min 3 dB bandwidth of 100 MHz. Other frequen-
cies are available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
 100 MHz Lowpass Filter
 Sharp Elliptic Type Transition
 50  Source and Load
 SMA Connectors
 Also Available in Surface Mount
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Similar Part No. - 3119

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3119 ETC2-3119 Datasheet
113Kb / 2P
FLAT WASHERS NYLON FIBRE
3119 ETC2-3119 Datasheet
158Kb / 3P
3/8 Square Drive Sockets, SAE
3119 ETC2-3119 Datasheet
68Kb / 1P
WASHERS
logo
Heyco.
3119 HEYCO-3119 Datasheet
113Kb / 1P
Shorty Universal Bushings
logo
Adafruit Industries
3119 ADAFRUIT-3119 Datasheet
84Kb / 1P
HDMI Plug Breakout Board
More results

Similar Description - 3119

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2403-S KR-2403-S Datasheet
42Kb / 3P
60 MHz Lowpass Filter
2978 KR-2978 Datasheet
95Kb / 3P
150 MHz Lowpass Filter
3007 KR-3007 Datasheet
91Kb / 3P
430 MHz Lowpass Filter
3007-SMA KR-3007-SMA Datasheet
65Kb / 3P
430 MHz Lowpass Filter
3018-2 KR-3018-2 Datasheet
52Kb / 3P
30 MHz Lowpass Filter
3153-SMA KR-3153-SMA Datasheet
80Kb / 3P
615 MHz Lowpass Filter
3202-2-BNC KR-3202-2-BNC Datasheet
57Kb / 3P
2 MHz Lowpass Filter
3253-201-LP-SMA KR-3253-201-LP-SMA Datasheet
82Kb / 3P
201 MHz Lowpass Filter
3261 KR-3261 Datasheet
57Kb / 3P
100 MHz Lowpass Filter
3271-BNC KR-3271-BNC Datasheet
50Kb / 3P
1 MHz Lowpass Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com