Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3132 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 3132
Description  140 MHz Bandpass Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3132 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  3132 Datasheet HTML 1Page - KR Electronics, Inc. 3132 Datasheet HTML 2Page - KR Electronics, Inc. 3132 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2013, KR Electronics, Inc.
3132, Rev 0, December 11, 2013
KR Electronics, Inc.
KR Electronics part number 3132 is a 140 MHz bandpass fil-
ter. The filter has a 0.5 dB bandwidth of 20 MHz min. Other
center frequencies and bandwidths are available. Please con-
sult the factory.
General Description
KR Electronics, Inc.
Features
 140 MHz Bandpass Filter
 20 MHz min 0.5 dB Bandwidth
 90 MHz max 80 dB Bandwidth
 Highly Selective Elliptic Design
 50  Source and Load
 SMA Connectors
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Similar Part No. - 3132

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3132 ALLEGRO-3132 Datasheet
163Kb / 8P
ULTRA-SENSITIVE BIPOLAR HALL-EFFECT SWITCHES
logo
List of Unclassifed Man...
3132 ETC2-3132 Datasheet
113Kb / 2P
FLAT WASHERS NYLON FIBRE
logo
Allegro MicroSystems
3132 ALLEGRO-3132 Datasheet
154Kb / 8P
SENSITIVE HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION
logo
List of Unclassifed Man...
3132 ETC2-3132 Datasheet
68Kb / 1P
WASHERS
logo
Heyco.
3132 HEYCO-3132 Datasheet
120Kb / 1P
Thick Panel Snap Bushings
More results

Similar Description - 3132

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
BP62151 VANLONG-BP62151 Datasheet
47Kb / 1P
140 MHz Bandpass SAW Filter
logo
KR Electronics, Inc.
2771-SMA KR-2771-SMA Datasheet
77Kb / 3P
140 MHz Bandpass Filter
2980 KR-2980 Datasheet
48Kb / 3P
140 MHz Bandpass Filter
3042 KR-3042 Datasheet
53Kb / 3P
140 MHz Bandpass Filter
3059 KR-3059 Datasheet
59Kb / 3P
140 MHz Bandpass Filter
3071 KR-3071 Datasheet
59Kb / 3P
140 MHz Bandpass Filter
3135-140-10 KR-3135-140-10 Datasheet
108Kb / 3P
140 MHz Bandpass Filter
3135-140-20 KR-3135-140-20 Datasheet
103Kb / 3P
140 MHz Bandpass Filter
3135-140-30 KR-3135-140-30 Datasheet
107Kb / 3P
140 MHz Bandpass Filter
3135-140-40 KR-3135-140-40 Datasheet
103Kb / 3P
140 MHz Bandpass Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com