Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRGP450UD2 Datasheet(PDF) 2 Page - International Rectifier

Part # IRGP450UD2
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY(Vces=500V, @Vge=15V, Ic=33A)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGP450UD2 Datasheet(HTML) 2 Page - International Rectifier

  IRGP450UD2 Datasheet HTML 1Page - International Rectifier IRGP450UD2 Datasheet HTML 2Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
C-650
Parameter
Min. Typ. Max. Units
Conditions
Qg
Total Gate Charge (turn-on)
—
120
180
IC = 33A
Qge
Gate - Emitter Charge (turn-on)
—
22
33
nC
VCC = 400V
Qgc
Gate - Collector Charge (turn-on)
—
41
62
td(on)
Turn-On Delay Time
—
33
—
TJ = 25°C
tr
Rise Time
—
26
—
ns
IC = 33A, VCC = 400V
td(off)
Turn-Off Delay Time
—
110
170
VGE = 15V, RG = 5.0Ω
tf
Fall Time
—
91
140
Energy losses include "tail" and
Eon
Turn-On Switching Loss
—
0.91
—
diode reverse recovery.
Eoff
Turn-Off Switching Loss
—
0.25
—
mJ
Ets
Total Switching Loss
—
1.2
1.7
td(on)
Turn-On Delay Time
—
37
—
TJ = 150°C,
tr
Rise Time
—
29
—
ns
IC = 33A, VCC = 400V
td(off)
Turn-Off Delay Time
—
160
—
VGE = 15V, RG = 5.0Ω
tf
Fall Time
—
110
—
Energy losses include "tail" and
Ets
Total Switching Loss
—
1.8
—
mJ
diode reverse recovery.
LE
Internal Emitter Inductance
—
13
—
nH
Measured 5mm from package
Cies
Input Capacitance
—
2700
—
VGE = 0V
Coes
Output Capacitance
—
280
—
pF
VCC = 30V
Cres
Reverse Transfer Capacitance
—
34
—
ƒ = 1.0MHz
trr
Diode Reverse Recovery Time
—
50
75
ns
TJ = 25°C
—
105
160
TJ = 125°C
IF = 25A
Irr
Diode Peak Reverse Recovery Current
—
4.5
10
A
TJ = 25°C
—
8.0
15
TJ = 125°C
V R = 200V
Qrr
Diode Reverse Recovery Charge
—
112
375
nC
TJ = 25°C
—
420
1200
TJ = 125°C
di/dt = 200A/µs
di(rec)M/dt
Diode Peak Rate of Fall of Recovery
—
250
—
A/µs
TJ = 25°C
During tb
—
160
—
TJ = 125°C
Parameter
Min. Typ. Max. Units
Conditions
V(BR)CES
Collector-to-Emitter Breakdown Voltage
500
—
—
V
VGE = 0V, IC = 250µA
∆V(BR)CES/∆TJ Temperature Coeff. of Breakdown Voltage
—
0.41
—
V/°C
VGE = 0V, IC = 1.0mA
VCE(on)
Collector-to-Emitter Saturation Voltage
—
2.1
3.2
IC = 33A
VGE = 15V
—
2.6
—
V
IC = 59A
—
2.1
—
IC = 33A, TJ = 150°C
VGE(th)
Gate Threshold Voltage
3.0
—
5.5
VCE = VGE, IC = 250µA
∆VGE(th)/∆TJ Temperature Coeff. of Threshold Voltage
—
-10
—
mV/°C
VCE = VGE, IC = 250µA
gfe
Forward Transconductance
7.0
22
—
S
VCE = 100V, IC = 33A
ICES
Zero Gate Voltage Collector Current
—
—
250
µA
VGE = 0V, VCE = 500V
—
—
6500
VGE = 0V, VCE = 500V, T J = 150°C
VFM
Diode Forward Voltage Drop
—
1.3
1.7
V
IC = 25A
—
1.2
1.5
IC = 25A, TJ = 150°C
IGES
Gate-to-Emitter Leakage Current
—
—
±100
nA
VGE = ±20V
IRGP450UD2
Switching Characteristics @ TJ = 25°C (unless otherwise specified)
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Notes:
Pulse width
≤ 80µs; duty factor ≤ 0.1%.
Repetitive rating; V GE=20V, pulse width
limited by max. junction temperature.
( See fig. 20 )
VCC=80%(VCES), VGE=20V, L=10µH,
RG= 5.0Ω, ( See fig. 19 )
Pulse width 5.0µs,
single shot.
Refer to Section D - page D-13 for Package Outline 3 - JEDEC Outline TO-247AC
Next Data Sheet
Index
Previous Datasheet
To Order



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com