Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN934 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN934
Description  How to use the digital calibration feature
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN934 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN934 Datasheet HTML 5Page - STMicroelectronics AN934 Datasheet HTML 6Page - STMicroelectronics AN934 Datasheet HTML 7Page - STMicroelectronics AN934 Datasheet HTML 8Page - STMicroelectronics AN934 Datasheet HTML 9Page - STMicroelectronics AN934 Datasheet HTML 10Page - STMicroelectronics AN934 Datasheet HTML 11Page - STMicroelectronics AN934 Datasheet HTML 12Page - STMicroelectronics AN934 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
AN934
Calculating the calibration for multiple operating temperatures
Doc ID 6393 Rev 4
9/14
Calculating the calibration for multiple operating
temperatures
For applications that spend significant time at more than one temperature, the following
equation may be used to calculate the appropriate amount of calibration required:
where:
K = Curvature characteristic = –0.036 ppm/°C2 ± 0.006 ppm/°C2
acc = Accuracy, in ppm, of the frequency, at the turnover temperature
TO = Turnover temperature, in degrees Celsius = 25°C ± 5°C
Ti = Working temperature, in degrees Celsius
tPERi = Amount of time it is in the temperature range (in seconds)
t = Amount of time lost during tPERi
N = Number of temperature ranges
Consider a piece of portable equipment used outdoors for 8 hours per day, then stored at
room temperature for the remainder of the day. The equation below calculates the
calibration value at –20°C for a period of 8 hours and then room temperature for the rest of
the day for a device that is currently in error by +5 ppm at room temperature:
The unit is losing 1.67 seconds per day (or 50 seconds per month). The appropriate sign bit
in this case is a logical “1,” indicating the clock needs to be sped up to compensate for the
lost time. This yields a calibration value of “100101.”
t
N
Σ
i1
=
tPERi acc K
Ti To
–
()
2
×
+
() 10
6
–
×
=
8hours
28800
onds
sec
=
16hours
57600
onds
sec
=
28800
s
sec
()
50.036
–
ppm
°C
2
⁄
()
20
°C25°C
–
–
()
2
×
()
+
()
×
[]
57600
s
sec
()
50
+
()
×
[]
+
{
}
=
10
6
–
×
t1.67
–
s
sec
day
⁄
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com