Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UAC1B Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # UAC1B
Description  Keyspan-by-Tripp Lite USB Power Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

UAC1B Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  UAC1B Datasheet HTML 1Page - Tripp Lite. All Rights Reserved UAC1B Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Keyspan-by-Tripp Lite USB Power Adapter
MODEL NUMBER: UAC-1B
Description
Our USB Power Adapter provides a convenient way to charge USB devices at home or on the road. It is a great
way to charge mobile devices such as an iPod or cell phone. The USB Power Adapter is black in color.
Features
Maximum Power: 1 Amp charger is twice as powerful as most competitors. More power generally produces a
faster rate of charging. (Improvement in charge time depends upon device being charged.)
Compact Design: Prongs fold into body... making it ideal for travel.
Flexible: Works with iPod, cell phone and more. There is no need to carry multiple chargers when traveling.
Specifications
OVERVIEW
DC Output Current
0.05A - 1.00A
DC Output Connector
USB Type A (female)
PRODUCT OVERVIEW
Product Overview
Keyspan-by-Tripp Lite USB Power Adapter
PHYSICAL
Color
Black
CONNECTIONS
Connector A
USB A (FEMALE)
Highlights
Charge USB devices from an
electrical outlet such as iPods
and cell phones
Powerful, fast 1-amp charger
For use with iPod, cell phones
and more
System Requirements
iPod: For use with iPod shuffle and
with all 4G and 5G iPods with dock
connector, including:
iPod with video (30GB, 60GB)
iPod nano (1GB, 2GB, 4GB)
iPod with color display (20GB,
30GB, U2, 40GB, 60GB)
iPod (20GB, U2, 40GB)
iPod mini (4GB, 6GB)
Uses the standard "iPod Dock
Connector to USB-2.0 Cable" that was
provided with your iPod.
Cell Phones: For use with all cell
phone that support charging via
standard (5v) USB power. Will require
cell phone to USB cable (specific to
your brand and model of phone).
Do not use with phones requiring a
different voltage.
Package Includes
USB Power Adapter (black)
Printed Quick Start Guide
1 / 2


Similar Part No. - UAC1B

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
UAC-1B TRIPPLITE-UAC-1B Datasheet
514Kb / 2P
Keyspan-by-Tripp Lite USB Power Adapter
logo
Unisonic Technologies
UAC3092 UTC-UAC3092 Datasheet
132Kb / 9P
ALTERNATOR VOLTAGE REGULATOR
UAC3092-S20-R UTC-UAC3092-S20-R Datasheet
132Kb / 9P
ALTERNATOR VOLTAGE REGULATOR
UAC3092-S20-R UTC-UAC3092-S20-R Datasheet
138Kb / 9P
ALTERNATOR VOLTAGE REGULATOR
UAC3092-S20-T UTC-UAC3092-S20-T Datasheet
132Kb / 9P
ALTERNATOR VOLTAGE REGULATOR
More results

Similar Description - UAC1B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
USA-19HS ETC2-USA-19HS Datasheet
494Kb / 2P
Keyspan High-Speed USB to Serial Adapter
logo
Tripp Lite. All Rights ...
USA19HS TRIPPLITE-USA19HS Datasheet
490Kb / 2P
Keyspan High-Speed USB to Serial Adapter
PREZ1 TRIPPLITE-PREZ1 Datasheet
498Kb / 2P
Keyspan by Tripp Lite Easy Presenter Wireless Remote Control, White, 60-ft. Range
PRPRO3 TRIPPLITE-PRPRO3 Datasheet
482Kb / 2P
Keyspan by Tripp Lite Presentation Pro Wireless Remote Control, Black, 100-ft. Range
PRPRO4 TRIPPLITE-PRPRO4 Datasheet
500Kb / 2P
Keyspan by Tripp Lite Presentation Pro Wireless Remote Control, Black, 65-ft. Range
PRUS2 TRIPPLITE-PRUS2 Datasheet
499Kb / 2P
Keyspan by Tripp Lite Presentation Wireless Remote Control, Silver, 60-ft. Range
PR-EZ1 TRIPPLITE-PR-EZ1 Datasheet
495Kb / 2P
Keyspan by Tripp Lite Easy Presenter Wireless Remote Control, White, 60-ft. Range
PR-PRO3 TRIPPLITE-PR-PRO3 Datasheet
479Kb / 2P
Keyspan by Tripp Lite Presentation Pro Wireless Remote Control, Black, 100-ft. Range
PR-US2 TRIPPLITE-PR-US2 Datasheet
497Kb / 2P
Keyspan by Tripp Lite Presentation Wireless Remote Control, Silver, 60-ft. Range
UAC-1B TRIPPLITE-UAC-1B Datasheet
514Kb / 2P
Keyspan-by-Tripp Lite USB Power Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com