Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRGPC40U Datasheet(PDF) 1 Page - International Rectifier

Part # IRGPC40U
Description  INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=20A)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGPC40U Datasheet(HTML) 1 Page - International Rectifier

  IRGPC40U Datasheet HTML 1Page - International Rectifier IRGPC40U Datasheet HTML 2Page - International Rectifier IRGPC40U Datasheet HTML 3Page - International Rectifier IRGPC40U Datasheet HTML 4Page - International Rectifier IRGPC40U Datasheet HTML 5Page - International Rectifier IRGPC40U Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
C-681
IRGPC40U
UltraFast IGBT
INSULATED GATE BIPOLAR TRANSISTOR
Parameter
Min.
Typ.
Max.
Units
RθJC
Junction-to-Case
—
—
0.77
RθCS
Case-to-Sink, flat, greased surface
—
0.24
—
°C/W
RθJA
Junction-to-Ambient, typical socket mount
—
—
40
Wt
Weight
—
6 (0.21)
—
g (oz)
Features
• Switching-loss rating includes all "tail" losses
• Optimized for high operating frequency (over 5kHz)
See Fig. 1 for Current vs. Frequency curve
VCES = 600V
VCE(sat) ≤ 3.0V
@VGE = 15V, IC = 20A
E
C
G
n-channel
Description
Insulated Gate Bipolar Transistors (IGBTs) from International Rectifier have
higher usable current densities than comparable bipolar transistors, while at
the same time having simpler gate-drive requirements of the familiar power
MOSFET. They provide substantial benefits to a host of high-voltage, high-
current applications.
Absolute Maximum Ratings
Parameter
Max.
Units
VCES
Collector-to-Emitter Voltage
600
V
IC @ TC = 25°C
Continuous Collector Current
40
IC @ TC = 100°C
Continuous Collector Current
20
A
ICM
Pulsed Collector Current
160
ILM
Clamped Inductive Load Current
160
VGE
Gate-to-Emitter Voltage
±20
V
EARV
Reverse Voltage Avalanche Energy
15
mJ
PD @ TC = 25°C
Maximum Power Dissipation
160
W
PD @ TC = 100°C
Maximum Power Dissipation
65
TJ
Operating Junction and
-55 to +150
TSTG
Storage Temperature Range
°C
Soldering Temperature, for 10 sec.
300 (0.063 in. (1.6mm) from case)
Mounting torque, 6-32 or M3 screw.
10 lbf•in (1.1N•m)
Thermal Resistance
TO-247AC
PD - 9.684A
Revision 0
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - IRGPC40U

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGPC40U IRF-IRGPC40U Datasheet
98Kb / 35P
Fit Rate / Equivalent Device Hours
IRGPC40UD2 IRF-IRGPC40UD2 Datasheet
421Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, @Vge=15V, Ic=20A)
IRGPC40UD2 IRF-IRGPC40UD2 Datasheet
98Kb / 35P
Fit Rate / Equivalent Device Hours
More results

Similar Description - IRGPC40U

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGBC20M-S IRF-IRGBC20M-S Datasheet
247Kb / 6P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=8.0A)
IRGBC20S IRF-IRGBC20S Datasheet
274Kb / 7P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=10A)
IRGBC30S IRF-IRGBC30S Datasheet
252Kb / 6P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=18A)
IRGBC30U IRF-IRGBC30U Datasheet
244Kb / 6P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=12A)
IRGBC40K IRF-IRGBC40K Datasheet
237Kb / 6P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=25A)
IRGBC40U IRF-IRGBC40U Datasheet
244Kb / 6P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=20A)
IRGPC30M IRF-IRGPC30M Datasheet
250Kb / 6P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=16A)
IRGPC30S IRF-IRGPC30S Datasheet
253Kb / 6P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=18A)
IRGPC40M IRF-IRGPC40M Datasheet
91Kb / 2P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=24A)
IRGPH40S IRF-IRGPH40S Datasheet
82Kb / 2P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, @Vge=15V, Ic=20A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com