Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRGPC50M Datasheet(PDF) 5 Page - International Rectifier

Part # IRGPC50M
Description  INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=35A)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGPC50M Datasheet(HTML) 5 Page - International Rectifier

  IRGPC50M Datasheet HTML 1Page - International Rectifier IRGPC50M Datasheet HTML 2Page - International Rectifier IRGPC50M Datasheet HTML 3Page - International Rectifier IRGPC50M Datasheet HTML 4Page - International Rectifier IRGPC50M Datasheet HTML 5Page - International Rectifier IRGPC50M Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
C-333
IRGPC50M
Fig. 7 - Typical Capacitance vs.
Collector-to-Emitter Voltage
Fig. 8 - Typical Gate Charge vs.
Gate-to-Emitter Voltage
Fig. 9 - Typical Switching Losses vs. Gate
Resistance
Fig. 10 - Typical Switching Losses vs.
Case Temperature
0
1 0 00
2 0 00
3 0 00
4 0 00
5 0 00
6 0 00
1
1 0
1 0 0
C E
V
, C ollector-to-E m itter V oltage (V )
V
= 0V,
f = 1MHz
C
= C
+ C
, C
SHORTED
C
= C
C
= C
+ C
GE
ies
ge
gc
ce
res
gc
oes
ce
gc
Cies
Cres
Coes
0
4
8
1 2
1 6
2 0
0
3 0
6 0
90
1 20
Q
, T otal G ate C harge (nC )
G
V
= 4 00 V
I
= 3 5A
CE
C
3 .4
3 .6
3 .8
4 .0
4 .2
4 .4
4 .6
0
1 0
2 0
3 0
4 0
5 0
6 0
G
R
, G ate R esistanc e (
)
Ω
W
V
= 4 80 V
V
= 1 5V
T
= 25 °C
I
= 3 5 A
CC
GE
C
C
0 .1
1
1 0
1 0 0
-6 0
-4 0
-2 0
0
2 0
4 0
6 0
8 0
1 0 0 1 2 0 1 4 0 1 6 0
T
, C ase T em perature (°C )
C
R
= 5
V
= 1 5V
V
= 4 80 V
G
GE
CC
Ω
I
= 1 7A
I
= 35 A
I
= 70 A
C
C
C
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com