Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1011 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN1011
Description  Battery technology used in NVRAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1011 Datasheet(HTML) 4 Page - STMicroelectronics

  AN1011 Datasheet HTML 1Page - STMicroelectronics AN1011 Datasheet HTML 2Page - STMicroelectronics AN1011 Datasheet HTML 3Page - STMicroelectronics AN1011 Datasheet HTML 4Page - STMicroelectronics AN1011 Datasheet HTML 5Page - STMicroelectronics AN1011 Datasheet HTML 6Page - STMicroelectronics AN1011 Datasheet HTML 7Page - STMicroelectronics AN1011 Datasheet HTML 8Page - STMicroelectronics AN1011 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
UL 1950/60950 validation
AN1011
4/11
Doc ID 6254 Rev 4
UL 1950/60950 validation
All ZEROPOWER, TIMEKEEPER and RTC devices are recognized by the Underwriters
Laboratory Inc. UL 1950/60950 specification. The conditions for acceptance under this
include the following:
1.
That the devices are intended for use as components where the replacement of the
battery can be performed by the operator or a trained technician.
2.
That the devices are intended for use as components in low voltage, isolated,
secondary circuits; where the case temperature does not exceed 100 °C, and the
voltage on any pin, relative to ground, does not exceed 7 VDC.
3.
That the devices are intended to be mounted on a printed wiring board, flame rated to a
minimum of 94 V-1.
4.
That the devices are provided with an appropriate on-chip, reverse current protection
circuit. (See Figure 3 for the circuit diagram.)
Figure 3.
Battery control circuit
1.
RA is the ESD protection resistor and RB is the battery protection resistor required by UL.
2.
Depending on the device, switchover will be a function of battery voltage or set by a fixed reference.
AI02520
VSO
VCC
P
BATTERY
RA
(1)
RB
(1)
VSO
P
INTERNAL VCC
(ON when VCC is below
the switchover voltage)(2)
(OFF when VCC is below
the switchover voltage)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com