Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSG4501 Datasheet(PDF) 5 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG4501
Description  Enhancement Mode Power Mos.FET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG4501 Datasheet(HTML) 5 Page - SeCoS Halbleitertechnologie GmbH

  SSG4501_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG4501_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG4501_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG4501_15 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SSG4501_15 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SSG4501_15 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH SSG4501_15 Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH SSG4501_15 Datasheet HTML 8Page - SeCoS Halbleitertechnologie GmbH SSG4501_15 Datasheet HTML 9Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
01-Jun-2002 Rev. A
Page
5 of 9
N-Channel
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Fig 7. Maximum Safe Operating Area Fig 8. Effective Transient Thermal Impedance
Fig 9. Gate Charge Characteristics
Fig 10. Typical Capacitance Characteristics
Fig 11. Forward Characteristics of
Reverse Diode
Fig 12. Gate Threshold Voltage v.s.
Junction Temperature
Elektronische Bauelemente
SSG
4501
N Channel
7A, 30V,RDS(ON) 28m
Enhancement Mode Power Mos.FET
P Channel -5.3A, -30V,RDS(ON) 5
0m
Ω
Ω



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com