Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1761 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN1761
Description  Accuracy of shunt voltage references in programmable mode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1761 Datasheet(HTML) 1 Page - STMicroelectronics

  AN1761 Datasheet HTML 1Page - STMicroelectronics AN1761 Datasheet HTML 2Page - STMicroelectronics AN1761 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
INTRODUCTION
When an adjustable shunt voltage reference like
TL431 is used in programmable mode, we may
encounter some errors due to the programmation.
This application note will give to the reader a
method to determine the relative error on the
output voltage.
The schematic used to program a shunt voltage
reference is presented on
Figure 1. The voltage
reference provide some relative errors: this is
what we call the inner precision. As we have to
use an external resistor bridge configuration, we
obviously have some additional errors as all
resistor elements are not perfects.
The application note will present the calculation in
order to reach a final formula which can be used
easily to calculate the relative error of the global
schematic.
The following elements are taken into account:
l the inner precision of the voltage reference.
l the precision of resistors.
Fig. 1: Typical application schematic of a shunt voltage reference
TL431
R2
R1
R
VCC
V
Vref
TL431
R
VCC
V
Vref
V = ( 1 + R1 / R2 ) x Vref + R1 x Iref
Iref
V = Vref
APPLICATION NOTE
AN1761
TL431
Accuracy of shunt voltage references in programmable mode
by Jérôme D’Agostino
Revision A
1/3
September 2003


Similar Part No. - AN1761

ManufacturerPart #DatasheetDescription
logo
Arista Networks, Inc
AN1760 ARISTA-AN1760 Datasheet
3Mb / 68P
Quick Start Guide 7280R3 and 7280R3A Series Data Center Switches
logo
STMicroelectronics
AN1762 STMICROELECTRONICS-AN1762 Datasheet
1Mb / 53P
APPLICATION NOTE
Dec-2003
logo
Arista Networks, Inc
AN1762 ARISTA-AN1762 Datasheet
1Mb / 37P
720XP 1RU Cognitive Campus Switches
AN1763 ARISTA-AN1763 Datasheet
1Mb / 37P
720XP 1RU Cognitive Campus Switches
AN1764 ARISTA-AN1764 Datasheet
1Mb / 40P
7010 Series 1RU Data Center Switches
More results

Similar Description - AN1761

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR520 AD-ADR520 Datasheet
210Kb / 16P
High Precision Shunt Mode Voltage References
12/03-Data Sheet Changed from REV. 0 to REV. A
ADR530BRTZ-REEL7 AD-ADR530BRTZ-REEL7 Datasheet
413Kb / 16P
High Precision Shunt Mode Voltage References
Rev. E
ADR520BRTZ-REEL7 AD-ADR520BRTZ-REEL7 Datasheet
420Kb / 16P
High Precision Shunt Mode Voltage References
Rev. E
ADR530ART AD-ADR530ART Datasheet
273Kb / 12P
High Precision Shunt Mode Voltage References
Rev. F
ADR520 AD-ADR520_15 Datasheet
413Kb / 16P
High Precision Shunt Mode Voltage References
Rev. E
ADR525 AD-ADR525_15 Datasheet
413Kb / 16P
High Precision Shunt Mode Voltage References
Rev. E
ADR530 AD-ADR530_15 Datasheet
413Kb / 16P
High Precision Shunt Mode Voltage References
Rev. E
ADR550 AD-ADR550_15 Datasheet
413Kb / 16P
High Precision Shunt Mode Voltage References
Rev. E
ADR5043 AD-ADR5043_15 Datasheet
425Kb / 16P
Precision Micropower Shunt Mode Voltage References
REV. B
ADR5045 AD-ADR5045_15 Datasheet
425Kb / 16P
Precision Micropower Shunt Mode Voltage References
REV. B
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com