Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2583 Datasheet(PDF) 15 Page - STMicroelectronics

Part # AN2583
Description  M41T00AUD real-time clock with audio
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2583 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button AN2583 Datasheet HTML 10Page - STMicroelectronics AN2583 Datasheet HTML 11Page - STMicroelectronics AN2583 Datasheet HTML 12Page - STMicroelectronics AN2583 Datasheet HTML 13Page - STMicroelectronics AN2583 Datasheet HTML 14Page - STMicroelectronics AN2583 Datasheet HTML 15Page - STMicroelectronics AN2583 Datasheet HTML 16Page - STMicroelectronics AN2583 Datasheet HTML 17Page - STMicroelectronics AN2583 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
AN2583
Audio characteristics
15/18
2.4
Gain
There are three stages of gain in the M41T00AUD. The input amplifier's gain is controlled by
the input and feedback resistors chosen by the user. The LPF is at unity gain and thus does
not contribute.
The programmable gain stage can be adjusted from a gain (attenuation) of 0.022x all the
way up to a 4x multiplication. Lastly, the bridge amplifier provides a fixed gain of 2x which is
a consequence of two amplifiers in parallel, one at a gain of 1x and one at –1x, resulting in a
net gain of 2 as shown in Equation 2 on page 12.
Figure 15.
End-to-end audio path
The gain is usually measured in decibels or dB. This is defined as the ten times the log of
the ratio of the output power to the input power
Normalizing the resistances, this reduces to
Example: In Figure 15, with Rin = 2 Rf, the input gain is 0.5 which cancels out the final gain
stage gain of 2. The net gain for these two sections is then 1. The result is that the final gain
is determined solely by the adjustable gain stage and will match whatever value is
programmed into the gain register.
ai13941
LPF
100Hz-8kHz
256Hz
512Hz
256/512
SELECT
TONE
ON/OFF
From internal
RTC timing chain
300mW
@ 8 ohms
VDD
2
AOUT+
AOUT–
Rf 10k
Ri1 20k
Ri2 20k
+6dB
0dB
20 log (Rf/Rin) = –6dB
(Rf/Rin = 0.5)
(1x, @ midband)
(0.022x to 4x)
(2x)
GAIN Register
bbbb
33dB to +12dB
–
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
=
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
=
=
IN
2
IN
OUT
2
OUT
IN
OUT
P
/R
V
/R
V
log
10
P
P
log
10
dB
in
gain
power
A
IN
OUT
2
IN
OUT
2
IN
2
OUT
P
V
V
log
20
V
V
log
10
V
V
log
10
A
=
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
=
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com