Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2799 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2799
Description  Measuring mains power consumption
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2799 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2799 Datasheet HTML 5Page - STMicroelectronics AN2799 Datasheet HTML 6Page - STMicroelectronics AN2799 Datasheet HTML 7Page - STMicroelectronics AN2799 Datasheet HTML 8Page - STMicroelectronics AN2799 Datasheet HTML 9Page - STMicroelectronics AN2799 Datasheet HTML 10Page - STMicroelectronics AN2799 Datasheet HTML 11Page - STMicroelectronics AN2799 Datasheet HTML 12Page - STMicroelectronics AN2799 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
AN2799
Firmware description
9/14
4.1.1
Attributes
The object attributes are described as follows:
m_Voltage: “private” variable containing the last read voltage in mV
m_Current: “private” variable containing the last read current in mA
m_Energy: “private” variable containing the last read energy in mW
Registers: “public” structured variables containing the STPM01 registers:
DAP: type0 active energy
DRP: reactive energy
DSP: apparent energy
DFP: type1 energy
DEV: RMS values of measured voltage and current
DMV: instantaneous values of measured voltage and current
CFL: lower part of the configuration register
CFH: higher part of the configuration register
Signals: “public” structured variables containing the signals descriptor used to interface
STM32 with STPM01:
PM_SCS: this signal enables the SPI operation when low
PM_SYN: When SCS is low, this signal selects the read or write operation. When
both SCS and SYN signals are high, the results of the input or output data are
transferred to the transmission latches.
PM_SDA: SPI MISO signal. This signal is used as the STPM01 data signal. The
direction of this signal depends on the SYN signal.
PM_SCLK: SPI clock signal
Each signal descriptor contains the STM32 port and pin number. For further details about
SPM01 registers and the microcontroller interface, please refer to the STPM01 datasheet.
4.1.2
Methods
The object methods are implemented by means of pointers to functions which are described
as follows:
Create: this function initializes all power meter object elements (properties and
methods).
Destroy: not used. Implemented to have a general object implementation.
Init: this function initializes the power meter object properties and the power meter
signals putting them in the idle state.
Reset: this function executes the reset sequence to perform the “remote reset”
operation of the STPM01 (
Figure 4).
SetSignals: this function initializes the “signals” attribute of the power meter object and
configures the GPIOs related to the signals.
GetSignals: this function retrieves the “signals” attribute of the power meter object.
SetCfgRegMode: this function sets the STPM01 configuration register as shadow
latches or OTP. In current AN firmware the STPM01 is configured to use the shadow
latches for the configuration for testing reasons.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com