Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3203 Datasheet(PDF) 15 Page - STMicroelectronics

Part # AN3203
Description  This application note describes the characteristics and performance
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3203 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button AN3203 Datasheet HTML 11Page - STMicroelectronics AN3203 Datasheet HTML 12Page - STMicroelectronics AN3203 Datasheet HTML 13Page - STMicroelectronics AN3203 Datasheet HTML 14Page - STMicroelectronics AN3203 Datasheet HTML 15Page - STMicroelectronics AN3203 Datasheet HTML 16Page - STMicroelectronics AN3203 Datasheet HTML 17Page - STMicroelectronics AN3203 Datasheet HTML 18Page - STMicroelectronics AN3203 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 49 page
background image
AN3203
Asymmetrical half bridge operation
Doc ID 17402 Rev 2
15/49
Figure 9.
AHB secondary side key waveforms @ full load
Ch2: Q201 and Q202 drain pin (blue)
Ch3: FGND pin voltage (purple)
Ch4: Diode D13 current (green)
In order to improve the overall efficiency of the power supply, synchronous rectification has
been used. The two AHB output diodes have been replaced with two MOSFETs. A self
driven technique has been used to obtain a cheap solution. Two extra windings at the
secondary side generate the two square waves that, opportunely shifted, drive the two SR
MOSFETs gates directly. Referring to Q201, the extra winding (realized with just one turn)
starts from transformer pin 10 and ends in TON_DR_FLYWIRE. C210, D204, and R216 are
used to shift the voltage at the correct level to drive the MOSFET. R202 helps to keep the
MOSFET off if no driving signal is applied. A similar circuit drives the gate of Q202 starting
from the TOFF_DR_FLYWIRE signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com