Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3350 Datasheet(PDF) 94 Page - STMicroelectronics

Part # AN3350
Description  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 Datasheet(HTML) 94 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 90Page - STMicroelectronics AN3350 Datasheet HTML 91Page - STMicroelectronics AN3350 Datasheet HTML 92Page - STMicroelectronics AN3350 Datasheet HTML 93Page - STMicroelectronics AN3350 Datasheet HTML 94Page - STMicroelectronics AN3350 Datasheet HTML 95Page - STMicroelectronics AN3350 Datasheet HTML 96Page - STMicroelectronics AN3350 Datasheet HTML 97Page - STMicroelectronics AN3350 Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 185 page
background image
C compiler
AN3350
94/185
Doc ID 018512 Rev 2
12.2.6
Implicit return from main()
When the C99 extensions setting is on, the compiler inserts this statement at the end of a
program’s main() function if the function does not return a value:
return 0;
12.2.7
Non-constant static data initialization
When the C99 extensions setting is on, the compiler allows static variables to be initialized
with non-constant expressions.
12.2.8
Variable argument macros
When the C99 extensions setting is on, the compiler allows macros to have a variable
number of arguments. Example 31 shows an example.
Example 31 Variable argument macros example
#define MYLOG(...) fprintf(myfile, __VA_ARGS__)
#define MYVERSION 1
#define MYNAME "SockSorter"
int main(void)
{
MYLOG("%d %s\n", MYVERSION, MYNAME);
/* Expands to: fprintf(myfile, "%d %s\n", 1, "SockSorter"); */
return 0;
}
12.2.9
Extra C99 keywords
When the C99 extensions setting is on, the compiler recognizes extra keywords and the
language features they represent. Table 14 lists these keywords.
12.2.10
C++-style comments
When the C99 extensions setting is on, the compiler allows C++-style comments as well as
regular C comments. A C++-style comment begins with
Table 14.
Extra C99 keywords
This keyword or combination of keywords...
represents this language feature
_Bool
boolean data type
long long
integer data type
restrict
type qualifier
inline
function qualifier
_Complex
complex number data type
_Imaginary
imaginary number data type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com