| Electronic Components Datasheet Search |
|
AN3350 Datasheet(PDF) 167 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3350 Datasheet(HTML) 167 Page - STMicroelectronics |
|
167 / 185 page ![]() AN3350 Pragmas for code generation Doc ID 018512 Rev 2 167/185 21.7 instmgr_file Controls where the instance manager database is written, to the target data directory or to a separate file. Syntax #pragma instmgr_file "name" Remarks When the Use Instance Manager option is on, the IDE writes the instance manager database to the project’s data directory. If the #pragma instmgr_file is used, the database is written to a separate file. Also, a separate instance file is always written when the command-line tools are used. Note: Should you need to report a bug, you can use this option to create a separate instance manager database, which can then be sent to technical support with your bug report. 21.8 longlong Controls the availability of the long long type. Syntax #pragma longlong on | off | reset Remarks When this pragma is enabled and the compiler is translating “C90” source code (ISO/IEC 9899-1990 standard), the compiler recognizes a data type named long long. The long long type holds twice as many bits as the long data type. By default, this pragma is on for processors that support this type. It is off when generating code for processors that do not support, or cannot turn on, the long long type. 21.9 longlong_enums Controls whether or not enumerated types may have the size of the long long type. Syntax #pragma longlong_enums on | off | reset Remarks This pragma lets you use enumerators that are large enough to be long long integers. It is ignored if you enable the enumsalwaysint pragma (described in enumsalwaysint). This pragma does not correspond to any panel setting. By default, this setting is enabled. 21.10 min_enum_size Specifies the size, in bytes, of enumeration types. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |