Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3383 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN3383
Description  The purpose of this application note is to describe:
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3383 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN3383 Datasheet HTML 4Page - STMicroelectronics AN3383 Datasheet HTML 5Page - STMicroelectronics AN3383 Datasheet HTML 6Page - STMicroelectronics AN3383 Datasheet HTML 7Page - STMicroelectronics AN3383 Datasheet HTML 8Page - STMicroelectronics AN3383 Datasheet HTML 9Page - STMicroelectronics AN3383 Datasheet HTML 10Page - STMicroelectronics AN3383 Datasheet HTML 11Page - STMicroelectronics AN3383 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Functional description of the demonstration board
AN3383
8/29
Doc ID 018691 Rev 1
Table 1.
Bill of material
No.
Type
Footprint
Description
Qty
Reference
Manufacturer
1
Jack
Through-hole
4P Speaker Jack
1
J7
Any source
2
MCAP
Through-hole
680NF-M(63V) Capacitor
2
C415SL, C416S
Any source
3
Terminal
Through-hole
2P Pitch: 5 mm Connector Terminal
1
CN2
Phoenix
Contact
4
CNN
Through-hole
16P (8 x 2 row) 2.5 mm male CNN
1
J1
Any source
5
CCAP
CAP0603
50 volt NPO 330 pF +/- 10%
2
C418A, C425
Murata
6
CCAP
CAP0603
50 volt NPO 680 pF +/- 10%
1
C9
Murata
7
CCAP
CAP0603
50 volt 1 nF +/- 10%
1
C3
Murata
8
CCAP
CAP0603
50 volt 4.7 nF +/- 10%
1
C7
Murata
9
CCAP
CAP0603
50 volt 100 nF +/- 10%
15
C2, C4, C5, C11,
C15, C421A,
C421B, C422A,
C422B, C423A,
C423B, C424A,
C424B, C427A,
C427B
Murata
10
CCAP
CAP1206
50 volt 1 µF +/-10%
2
C426A, C426B
Murata
11
RES
R1206
4R7, +/-5% 1/4W
4
R424A, R424B,
R425A, R425B
Murata
12
RES
R1206
20 +/-5% 1/4W
2
R422A, R423
Murata
13
RES
R0603
0 ohm 1/16W
1
R31
Murata
14
RES
R0603
2R2 +/-5% 1/16W
1
R32
Murata
15
RES
R0603
10K +/-5% 1/16W
1
R1
Murata
16
RES
R0603
2.2K +/-5% 1/16W
1
R6
Murata
17
RES
R0603
NS
2
R4, R5
18
ECAP
Through-hole
22 µF/ 16 V
1
C12
Rubycon/
Panasonic
19
ECAP
Through-hole
1000 µF / 35 V 105 Centigrade
1
C428
Rubycon/
Panasonic
20
Plastic rod
Hexagonal rod 15 mm length,
male type
4
Four Corner
21
Plastic rod
Hexagonal rod 8 mm length,
female type
4
Four Corner
22
IC
PSSO36
STA350BW
1
IC1
ST
23
Coil
Through-hole
15 µH Choke Coil (1014P-01-150L)
4
L421A, L421B,
L422A, L422B
KwangSung
24
PCB
STA350BW 2.0 CH VER1.0
1
Fastprint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com