Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3412 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN3412
Description  The STEVAL-CCA028V1 is a demonstration board designed
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3412 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN3412 Datasheet HTML 2Page - STMicroelectronics AN3412 Datasheet HTML 3Page - STMicroelectronics AN3412 Datasheet HTML 4Page - STMicroelectronics AN3412 Datasheet HTML 5Page - STMicroelectronics AN3412 Datasheet HTML 6Page - STMicroelectronics AN3412 Datasheet HTML 7Page - STMicroelectronics AN3412 Datasheet HTML 8Page - STMicroelectronics AN3412 Datasheet HTML 9Page - STMicroelectronics AN3412 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Operation
AN3412
6/15
Doc ID 018920 Rev 1
1.7
Board schematic and bill of material
Figure 6.
STEVAL-CCA028V1 schematic
LC FILTER COMPONENT
Load
L1,L2,L3,L4
C20,C26
4 ohm
6 ohm
8 ohm
15 uH
22 uH
33 uH
220 nF
220 nF
470 nF
Input
SYNCLK
VDDS
VCC
3V3
16 ohm
68 uH
220 nF
(TDA7491P/LP/HV)
OPTION
+
C23
470uF
25V
C5
100nF
R3
39K
L4
C1 470nF
C2 470nF
C11 470nF
C12 470nF
C8
100nF
C25
100nF
C19
100nF
C27
330pF
R6
22R
L3
C28
100nF
C24
100nF
L1
C21
330pF
R5
22R
L2
C18
100nF
C22
100nF
C3
1nF
C4
1nF
C13
1nF
C14
1nF
32 INPB
36 VSS
9
OUTNB
5
PGNDB
7
PVCCB
3
OUTPB
10
OUTNA
12
PVCCA
14
PGNDA
16
OUTPA
33 INNB
8
OUTNB
4
PGNDB
21 MUTE
6
PVCCB
2
OUTPB
29
SVR
11
OUTNA
1 SUB_GND
22 INPA
23 INNA
27 SGND
26 VDDS
28 DIAG
19 VDDPW
18 PGND
20 STBY
24 ROSC
31 GAIN1
35 SVCC
30 GAIN0
25 SYNCLK
17
OUTPA
15
PGNDA
34
VREF
13
PVCCA
IC1
TDA7492P
R1 100k
R7
22R
C6
100nF
R433k
R2
C10
100nF
2
1
3
2
1
3
2 GND
1
OUT
3
IN
L4931CZ33
+
C15
2.2uF
16V
1
2
J4
1
2
J3
1
2
J2
1
3
2
4
J1
+
C7
2.2uF
16V
+
C16
1uF
16V
+
C17
1uF
16V
R13
9.1k
+
C30
10uF 16V
+
C31
+
C32
+
C33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com